Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST62T09 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST62T09
Description  EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T09 Datasheet(HTML) 1 Page - STMicroelectronics

  ST62T09 Datasheet HTML 1Page - STMicroelectronics ST62T09 Datasheet HTML 2Page - STMicroelectronics ST62T09 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
October 2000
1/3
This is advance information from STMicroelectronics. Details are subject to change without notice.
ST62Exx-EPB
EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
HARDWARE FEATURES
s
Programs the ST62Exx EPROM and OTP
MCUs
s
Standalone and Remote modes
s
All packages supported (except SSOP)
SOFTWARE FEATURES
s
Windows 95, 98, NT software
s
S19 or INTEL hex file formats
DESCRIPTION
Different programming boards are designed for
programming the various EPROM and OTP devic-
es of the ST62 microcontroller family. For a partic-
ular device, all available packages (except SSOP)
are supported by the same programming board.
It can run either in standalone or remote mode
(connected to a PC).
In standalone mode, the microcontrollers can be
programmed by simply pressing a key to start cop-
ying the code from a master EPROM device or a
master microcontroller. Two-color LEDs indicate if
the operation has passed or failed.
In standalone mode an EPROM memory or a
master MCU is plugged into the programming
board. The code from the EPROM or the master
MCU is read and programmed into the ST62
EPROM or OTP device. Both VERIFY and BLANK
CHECK functions are provided.
In remote mode, the programming board is con-
nected to a PC through an RS232 serial channel
or a parallel port. Object code in either S19 or IN-
TEL HEX format is read from disk file to program
the ST62 EPROM or OTP device. The Windows
software also offers VERIFY, BLANK CHECK,
READ MASTER functions. The software allows
various user friendly facilities, such as re-instating
the same programming session, user selectable
programming steps; it also allows serial number-
ing with auto-incrementation.
643


Similar Part No. - ST62T09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T09 STMICROELECTRONICS-ST62T09 Datasheet
98Kb / 2P
GANG PROGRAMMERS FOR ST62 MCU FAMILY
Aug-1998
ST62T09BB1/OTP STMICROELECTRONICS-ST62T09BB1/OTP Datasheet
1Mb / 104P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
Rev. 3.3
ST62T09BB3/OTP STMICROELECTRONICS-ST62T09BB3/OTP Datasheet
1Mb / 104P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
Rev. 3.3
ST62T09BB6/OTP STMICROELECTRONICS-ST62T09BB6/OTP Datasheet
1Mb / 104P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
Rev. 3.3
ST62T09BD1/OTP STMICROELECTRONICS-ST62T09BD1/OTP Datasheet
1Mb / 104P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
Rev. 3.3
More results

Similar Description - ST62T09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62EXX-GP STMICROELECTRONICS-ST62EXX-GP Datasheet
98Kb / 2P
GANG PROGRAMMERS FOR ST62 MCU FAMILY
Aug-1998
logo
Hynix Semiconductor
GMS77C1000 HYNIX-GMS77C1000 Datasheet
271Kb / 11P
EPROM Programming/Verfify Specification
logo
Microchip Technology
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
EPROM Memory Programming Specification
1996
logo
Silicon Laboratories
C8051T600 SILABS-C8051T600 Datasheet
1Mb / 168P
Mixed Signal OTP EPROM MCU Family
logo
Microchip Technology
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
EPROM Memory Programming Specification
2001
logo
Silicon Laboratories
C8051T620 SILABS-C8051T620 Datasheet
87Kb / 2P
Full Speed USB EPROM MCU Family
logo
STMicroelectronics
AN593 STMICROELECTRONICS-AN593 Datasheet
56Kb / 4P
ST62 in-circuit programming
13-Jun-2008
AN863 STMICROELECTRONICS-AN863 Datasheet
204Kb / 22P
Improved sensorless control with the ST62 MCU for universal motor
12-Jun-2008
UM0116 STMICROELECTRONICS-UM0116 Datasheet
369Kb / 27P
STR7 family Flash programming
20-Sep-2006
logo
Microchip Technology
PIC18FXXQ41 MICROCHIP-PIC18FXXQ41 Datasheet
554Kb / 40P
PIC18FXXQ41 Family Programming Specification
2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com