Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST232B Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST232B
Description  5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232B Datasheet(HTML) 1 Page - STMicroelectronics

  ST232B Datasheet HTML 1Page - STMicroelectronics ST232B Datasheet HTML 2Page - STMicroelectronics ST232B Datasheet HTML 3Page - STMicroelectronics ST232B Datasheet HTML 4Page - STMicroelectronics ST232B Datasheet HTML 5Page - STMicroelectronics ST232B Datasheet HTML 6Page - STMicroelectronics ST232B Datasheet HTML 7Page - STMicroelectronics ST232B Datasheet HTML 8Page - STMicroelectronics ST232B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ST232
5V POWERED MULTI-CHANNEL
RS-232 DRIVERS AND RECEIVERS
®
February 2001
s
SUPPLY VOLTAGE RANGE: 4.5 TO 5.5V
s
SUPPLY CURRENT NO LOAD (TYP): 5mA
s
TRANSMITTER OUTPUT VOLTAGESWING
(TYP):
±7.8V
s
CONTROLLED OUTPUT SLEW RATE
s
RECEIVER INPUT VOLTAGE RANGE:
±30V
s
DATA RATE (TYP): 220Kbps
s
OPERATING TEMPERATURE RANGE:
-40 TO 85
oC, 0 TO 70 oC
s
COMPATIBLE WITH MAX232 AND MAX202
DESCRIPTION
The ST232 is a 2 driver, 2 receiver device
following EIA/TIA-232 and V.28 communication
standard. It is particularly suitable for applications
where
±12V is not available. The ST232 uses a
single 5V power supply and only four external
capacitors (0.1
µF). Typical applications are in:
Portable
Computers,
Low
Power
Modems,
Interfaces Translation, Battery Powered RS-232
System, Multi-Drop RS-232 Networks.
D
(Micro Package)
N
(Plastic Package)
W
(Micro Package Large)
T
(TSSOP Package)
ORDER CODES
Type
T emperature
Ran ge
Packag e
Comments
ST232CN
0 to 70
oC
DIP-16
25 parts per tube / 40 tube per box
ST232BN
-40 to 85
oC
DIP-16
25 parts per tube / 40 tube per box
ST232CD
0 to 70
oC
SO-16 (Tube)
50 parts per tube / 20 tube per box
ST232BD
-40 to 85
oC
SO-16 (Tube)
50 parts per tube / 20 tube per box
ST232CDR
0 to 70
oC
SO-16 (Tape & Reel)
2500 parts per reel
ST232BDR
-40 to 85
oC
SO-16 (Tape & Reel)
2500 parts per reel
ST232CW
0 to 70
oC
SO-16 Large (Tube)
49 parts per tube / 25 tube per box
ST232BW
-40 to 85
oC
SO-16 Large (Tube)
49 parts per tube / 25 tube per box
ST232CWR
0 to 70
oC
SO-16 Large (Tape & Reel)
1000 parts per reel
ST232BWR
-40 to 85
oC
SO-16 Large (Tape & Reel)
1000 parts per reel
ST232CT
0 to 70
oC
TSSOP16 (Tube)
only for samples
ST232BT
-40 to 85
oC
TSSOP16 (Tube)
only for samples
ST232CTR
0 to 70
oC
TSSOP16 (Tape & Reel)
2500 parts per reel
ST232BTR
-40 to 85
oC
TSSOP16 (Tape & Reel)
2500 parts per reel
1/11


Similar Part No. - ST232B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232BD STMICROELECTRONICS-ST232BD Datasheet
337Kb / 19P
5V Powered multi-channel RS-232 drivers and receivers
27-Oct-2006
ST232BDR STMICROELECTRONICS-ST232BDR Datasheet
337Kb / 19P
5V Powered multi-channel RS-232 drivers and receivers
27-Oct-2006
ST232BDR STMICROELECTRONICS-ST232BDR Datasheet
807Kb / 19P
5 V powered multi-channel RS-232 drivers and receiversr
08-Feb-2008
logo
Guangdong Youtai Semico...
ST232BDR UMW-ST232BDR Datasheet
959Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
STMicroelectronics
ST232BN STMICROELECTRONICS-ST232BN Datasheet
337Kb / 19P
5V Powered multi-channel RS-232 drivers and receivers
27-Oct-2006
More results

Similar Description - ST232B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP230A SIPEX-SP230A Datasheet
661Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
SP230A SIPEX-SP230A Datasheet
399Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
STMicroelectronics
ST202 STMICROELECTRONICS-ST202 Datasheet
527Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
09-Mar-2006
ST202B STMICROELECTRONICS-ST202B Datasheet
303Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
16-Jul-2007
ST232 STMICROELECTRONICS-ST232_06 Datasheet
337Kb / 19P
5V Powered multi-channel RS-232 drivers and receivers
27-Oct-2006
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
logo
Exar Corporation
SP238A EXAR-SP238A Datasheet
528Kb / 12P
5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com