Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST24LC21 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST24LC21
Description  1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24LC21 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST24LC21 Datasheet HTML 9Page - STMicroelectronics ST24LC21 Datasheet HTML 10Page - STMicroelectronics ST24LC21 Datasheet HTML 11Page - STMicroelectronics ST24LC21 Datasheet HTML 12Page - STMicroelectronics ST24LC21 Datasheet HTML 13Page - STMicroelectronics ST24LC21 Datasheet HTML 14Page - STMicroelectronics ST24LC21 Datasheet HTML 15Page - STMicroelectronics ST24LC21 Datasheet HTML 16Page - STMicroelectronics ST24LC21 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Sequential Read. This mode can be initiated with
either a Current Address Read or a Random Ad-
dress Read. However, in this case the master
DOES acknowledge the data byte output and the
memory continues to output the next byte in se-
quence. To terminate the stream of bytes, the
master must NOT acknowledge the last byte out-
put, but MUST generate a STOP condition. The
output data is from consecutive byte addresses,
with the internal byte address counter automat-
ically incremented after each byte output. After a
count of the last memory address, the address
counter will ’roll- over’ and the memory will continue
to output data.
Acknowledge in Read Mode. In all read modes
the ST24LC21 wait for an acknowledge during the
9th bit time. If the master does not pull the SDA line
low during this time, the ST24LC21 terminate the
data transfer and switches to a standby state.
BYTE WRITE
CONTROL
BYTE
WORD ADDR
DATA
PAGE WRITE
WORD ADD n
DATA n
DATA n + 1
AI01505
ACK
ACK
ACK
ACK
ACK
ACK
VCLK
CONTROL
BYTE
DATA n + 7
ACK
ACK
Figure 11. Inhibited Write when VCLK = 0
13/18
ST24LC21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com