Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST232BW Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST232BW
Description  5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232BW Datasheet(HTML) 4 Page - STMicroelectronics

  ST232BW Datasheet HTML 1Page - STMicroelectronics ST232BW Datasheet HTML 2Page - STMicroelectronics ST232BW Datasheet HTML 3Page - STMicroelectronics ST232BW Datasheet HTML 4Page - STMicroelectronics ST232BW Datasheet HTML 5Page - STMicroelectronics ST232BW Datasheet HTML 6Page - STMicroelectronics ST232BW Datasheet HTML 7Page - STMicroelectronics ST232BW Datasheet HTML 8Page - STMicroelectronics ST232BW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
APPLICATION CIRCUITS (note 1, note 2)
C4
+
C1
+
C1+
C1-
3
C2
+
C2+
C2-
4
5
11
10
12
9
TTL / CMOS OUTPUTS
TTL / CMOS INPUTS
V-
6
C5
+
+
C3
+5V INPUT
1
16
Vcc
V+
2
+10V
-10V
RS 232 OUTPUTS
RS 232 INPUTS
14
7
13
8
15
GND
5K
5K
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO -10V
VOLTAGE
INVERTER
+5V
400K
T1OUT
T1IN
+5V
400K
T2IN
T2OUT
T1
T2
R2IN
R1IN
R2OUT
R1OUT
R1
R2
Capacitance Value (
µF)
C1
C2
C3
C4
C5
0.1
0.1
0.1
0.1
0.1
Note 1: C1-4 capacitors can even be 1
µFones.
Note 2: C1-4 canbe common or biased capacitors.
ST232
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com