Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST24C16 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST24C16
Description  16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24C16 Datasheet(HTML) 1 Page - STMicroelectronics

  ST24C16 Datasheet HTML 1Page - STMicroelectronics ST24C16 Datasheet HTML 2Page - STMicroelectronics ST24C16 Datasheet HTML 3Page - STMicroelectronics ST24C16 Datasheet HTML 4Page - STMicroelectronics ST24C16 Datasheet HTML 5Page - STMicroelectronics ST24C16 Datasheet HTML 6Page - STMicroelectronics ST24C16 Datasheet HTML 7Page - STMicroelectronics ST24C16 Datasheet HTML 8Page - STMicroelectronics ST24C16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ST24C16, ST25C16
ST24W16, ST25W16
16 Kbit Serial I
2C Bus EEPROM
with User-Defined Block Write Protection
February 1999
1/17
AI00866B
2
PB0-PB1
SDA
VCC
ST24x16
ST25x16
MODE/WC*
SCL
VSS
PRE
Figure 1. Logic Diagram
1 MILLION ERASE/WRITE CYCLES, with
40 YEARS DATA RETENTION
SINGLE SUPPLY VOLTAGE:
– 4.5V to 5.5V for ST24x16 versions
– 2.5V to 5.5V for ST25x16 versions
HARDWARE WRITE CONTROL VERSIONS:
ST24W16 and ST25W16
TWO WIRE SERIAL INTERFACE, FULLY I2C
BUS COMPATIBLE
BYTE and MULTIBYTE WRITE (up to 8
BYTES) for the ST24C16
PAGE WRITE (up to 16 BYTES)
BYTE, RANDOM and SEQUENTIAL READ
MODES
SELF TIMED PROGRAMING CYCLE
AUTOMATIC ADDRESS INCREMENTING
ENHANCED ESD/LATCH UP
PERFORMANCES
DESCRIPTION
This specification covers a range of 16 Kbit I2C bus
EEPROM products, the ST24/25C16 and the
ST24/25W16. In the text, products are referred to
as ST24/25x16 where "x" is: "C" for Standard ver-
sion and "W" for hardware Write Control version.
The ST24/25x16 are 16 Kbit electrically erasable
programmable memories (EEPROM), organized
as 8 blocks of 256 x8 bits. These are manufactured
in STMicroelectronics’s Hi-Endurance Advanced
CMOS technology which guarantees an endur-
PRE
Write Protect Enable
PB0, PB1
Protect Block Select
SDA
Serial Data Address Input/Output
SCL
Serial Clock
MODE
Multybyte/Page Write Mode
(C version)
WC
Write Control (W version)
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
PSDIP8 (B)
0.25mm Frame
8
1
SO8 (M)
150mil Width
Note: WC signal is only available for ST24/25W16 products.


Similar Part No. - ST24C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C01 STMICROELECTRONICS-ST24C01 Datasheet
146Kb / 16P
SERIAL 1K 128 x 8 EEPROM
Nov-1997
ST24C01B1TR STMICROELECTRONICS-ST24C01B1TR Datasheet
146Kb / 16P
SERIAL 1K 128 x 8 EEPROM
Nov-1997
ST24C01B3TR STMICROELECTRONICS-ST24C01B3TR Datasheet
146Kb / 16P
SERIAL 1K 128 x 8 EEPROM
Nov-1997
ST24C01B5TR STMICROELECTRONICS-ST24C01B5TR Datasheet
146Kb / 16P
SERIAL 1K 128 x 8 EEPROM
Nov-1997
ST24C01B6TR STMICROELECTRONICS-ST24C01B6TR Datasheet
146Kb / 16P
SERIAL 1K 128 x 8 EEPROM
Nov-1997
More results

Similar Description - ST24C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
16 Kbit Serial I2C BUS EEPROM
23-Oct-2001
M34S32 STMICROELECTRONICS-M34S32 Datasheet
156Kb / 18P
32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
Jun-1998
ST24C04 STMICROELECTRONICS-ST24C04 Datasheet
125Kb / 16P
4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
ST24C08 STMICROELECTRONICS-ST24C08 Datasheet
125Kb / 16P
8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
16-Kbit serial I2C bus EEPROM
12-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com