Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z2SMB30B Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # Z2SMB30B
Description  2.0W Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

Z2SMB30B Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  Z2SMB30B Datasheet HTML 1Page - TAITRON Components Incorporated Z2SMB30B Datasheet HTML 2Page - TAITRON Components Incorporated Z2SMB30B Datasheet HTML 3Page - TAITRON Components Incorporated Z2SMB30B Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/AH 2008-06-16
www.taitroncomponents.com
Page 2 of 4
2.0W Surface Mount Zener Diodes
Z2SMB6.8B – Z2SMB51B
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Norminal Zener Voltage @ IZT
VZ(V)
Max. Zener Impedance (Ω)
Max. Reverse
Leakage Current IR
@ VR
Part NO.
Marking
Code
Nom.
Min.
Max.
IZT(mA)
ZZT @
IZT
ZZK @
Izk
IZK(mA)
IR(
μA)
VR(V)
Z2SMB6.8B
2006
6.8
6.46
7.14
73.5
2
700
1.00
5.0
4.0
Z2SMB7.5B
2007
7.5
7.13
7.88
66.5
2
700
0.50
5.0
5.0
Z2SMB8.2B
2008
8.2
7.79
8.61
61.0
2
700
0.50
5.0
6.0
Z2SMB8.7B
20A8
8.7
8.27
9.14
58.0
2
700
0.50
4.0
6.6
Z2SMB9.1B
2009
9.1
8.65
9.56
55.0
3
700
0.50
3.0
7.0
Z2SMB10B
2010
10
9.50
10.50
50.0
4
700
0.25
3.0
7.6
Z2SMB11B
2011
11
10.45
11.55
45.5
4
700
0.25
1.0
8.4
Z2SMB12B
2012
12
11.40
12.60
41.5
5
700
0.25
1.0
9.1
Z2SMB13B
2013
13
12.35
13.65
38.5
5
700
0.25
0.5
9.9
Z2SMB14B
2014
14
13.30
14.70
35.7
6
700
0.25
0.5
10.6
Z2SMB15B
2015
15
14.25
15.75
33.4
7
700
0.25
0.5
11.4
Z2SMB16B
2016
16
15.20
16.80
31.2
8
700
0.25
0.5
12.2
Z2SMB17B
2017
17
16.15
17.85
29.4
9
750
0.25
0.5
13.0
Z2SMB18B
2018
18
17.10
18.90
27.8
10
750
0.25
0.5
13.7
Z2SMB19B
2019
19
18.05
19.95
26.3
11
750
0.25
0.5
14.4
Z2SMB20B
2020
20
19.00
21.00
25.0
11
750
0.25
0.5
15.2
Z2SMB22B
2022
22
20.90
23.10
22.8
12
750
0.25
0.5
16.7
Z2SMB24B
2024
24
22.80
25.20
20.8
13
750
0.25
0.5
18.2
Z2SMB25B
2025
25
23.75
26.25
20.0
14
750
0.25
0.5
19.0
Z2SMB27B
2027
27
25.65
28.35
18.5
18
750
0.25
0.5
20.6
Z2SMB28B
2028
28
26.60
29.40
17.0
18
750
0.25
0.5
21.3
Z2SMB30B
2030
30
28.50
31.50
16.6
20
1000
0.25
0.5
22.5
Z2SMB33B
2033
33
31.35
34.65
15.1
23
1000
0.25
0.5
25.1
Z2SMB36B
2036
36
34.20
37.80
13.9
25
1000
0.25
0.5
27.4
Z2SMB39B
2039
39
37.05
40.95
12.8
30
1000
0.25
0.5
29.7
Z2SMB43B
2043
43
40.85
45.15
11.6
35
1500
0.25
0.5
32.7
Z2SMB47B
2047
47
44.65
49.35
10.6
40
1500
0.25
0.5
35.8
Z2SMB51B
2051
51
48.45
53.55
9.8
48
1500
0.25
0.5
38.8
Note: Suffix “B” indicates ±5% tolerance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com