Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCF06
Description  1.5 A white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STCF06 Datasheet HTML 1Page - STMicroelectronics STCF06 Datasheet HTML 2Page - STMicroelectronics STCF06 Datasheet HTML 3Page - STMicroelectronics STCF06 Datasheet HTML 4Page - STMicroelectronics STCF06 Datasheet HTML 5Page - STMicroelectronics STCF06 Datasheet HTML 6Page - STMicroelectronics STCF06 Datasheet HTML 7Page - STMicroelectronics STCF06 Datasheet HTML 8Page - STMicroelectronics STCF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
May 2008
Rev 2
1/33
33
STCF06
1.5 A white LED driver with I²C interface
Features
Buck-boost DC-DC converter
Drives one power LED up to:
– 1.5 A between 3.5 V to 5.5 V
– 1.3 A between 3.0 V to 5.5 V
– 1 A between 2.7 V to 5.5 V
Efficiency up to 80%
Output current control
1.8 MHz fixed frequency PWM
Full I²C control
Operational modes:
– Shutdown mode
– Ready mode + auxiliary red LED
– Ready mode + NTC
– Flash mode: up to 1.5 A
– Torch mode: up to 370 mA
Soft and hard triggering of flash
Flash and torch dimming with 16 exponential
values
Dimmable red LED indicator auxiliary output
Internally or externally timed flash operation
Digitally programmable safety time-out in flash
mode
LED over temperature detection and protection
with external NTC resistor
Open and shorted LED failure detection and
protection
Chip over temperature detection and protection
< 1 µA shutdown current
Package 3x3 mm TFBGA25
Applications
Cell phones and smart phones
Camera flashes/strobe
PDAs and digital still cameras
Description
The STCF06 is a high efficiency power supply
solution to drive a single flash LED in camera
phones, PDAs and other battery powered
devices. It is a buck-boost converter able to
guarantee a proper LED current control over all
possible conditions of battery voltage and LED
forward voltage. The output current control
ensures a good current regulation over the
forward voltage spread characteristics of the flash
LED.
All the functions of the device are controlled
through the I²C bus which helps to reduce logic
pins on the package and to save PCB tracks on
the board. Hard and soft-triggering of flash are
both supported. The device includes many
functions to protect the chip and the power LED,
such as: soft start control, chip over temperature,
open and shorted LED detection and protection.
TFBGA25 (3x3)
Table 1. Device summary
Order code
Package
Packaging
STCF06TBR
TFBGA25 (3x3 mm)
3500 parts per reel
www.st.com


Similar Part No. - STCF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF01 STMICROELECTRONICS-STCF01 Datasheet
481Kb / 16P
Step-up Converter for Cell Phone Camera Flash LEDs
10-Oct-2005
STCF01 STMICROELECTRONICS-STCF01 Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
STCF01PMR STMICROELECTRONICS-STCF01PMR Datasheet
481Kb / 16P
Step-up Converter for Cell Phone Camera Flash LEDs
10-Oct-2005
STCF01PMR STMICROELECTRONICS-STCF01PMR Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
STCF01 STMICROELECTRONICS-STCF01_06 Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
More results

Similar Description - STCF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
High power white LED driver with I2C??interface
12-Sep-2007
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
High power white LED driver with I2CTM interface
12-Sep-2007
STCF03I STMICROELECTRONICS-STCF03I_08 Datasheet
464Kb / 33P
High power white LED driver with I²C interface
10-Sep-2008
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
STMicroelectronics
STCF05 STMICROELECTRONICS-STCF05 Datasheet
405Kb / 33P
High power white LED driver with I²C interface
July 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com