Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20-SWC Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST20-SWC
Description  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST20-SWC Datasheet HTML 2Page - STMicroelectronics ST20-SWC Datasheet HTML 3Page - STMicroelectronics ST20-SWC Datasheet HTML 4Page - STMicroelectronics ST20-SWC Datasheet HTML 5Page - STMicroelectronics ST20-SWC Datasheet HTML 6Page - STMicroelectronics ST20-SWC Datasheet HTML 7Page - STMicroelectronics ST20-SWC Datasheet HTML 8Page - STMicroelectronics ST20-SWC Datasheet HTML 9Page - STMicroelectronics ST20-SWC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ST20–SWC
6/21
Workspace allocation by coloring reduces the amount of workspace required by using the
same word for two variables when it can be determined that they are not both required at the
same time.
The optimizing compiler also implements a pragma, IMS_nosideeffects, whereby the user can
indicate that a function does not have any side-effects on external or static variables. The optimizer
can then use this information to make assumptions about what state can be changed by a function
invocation and hence about the validity of any previously computed expressions.
2.2.5
Libraries
The full set of ANSI libraries is provided.
The standard library operates in double precision. Versions of the mathematical functions are
provided that operate on float arguments and return float values. These libraries provide improved
performance for applications where performance requirements override accuracy requirements.
A reduced C library is supplied to minimize code size for embedded systems applications. This library
is appropriate for code which does not need to access host facilities.
Collections of functions can be compiled separately with the ANSI C compiler and then combined into
a library. The linker is used to combine separately compiled functions into a program.
2.2.6
Assembler inserts
The ANSI C Toolset provides a very powerful assembler insert facility. The assembler insert facility
supports:
Access to the full instruction set of the ST20;
Symbolic access to C variables (automatic and static);
Pseudo operations to load values into registers;
Loading results of C expressions;
Labels and jumps;
Directives for instruction sizing, stack access, return address access etc.
2.3
Support for embedded applications
The toolset has been designed to support the development of embedded applications. The features
include the ability to place code and data at particular places in memory, being able to access the
ST20 instruction set efficiently from C, and to reduce the C run-time overhead to suit the application.
2.3.1
Placing code and data
At configuration level, a program consists of its code, stack, static and heap segments. The configurer
allocates each of these separate segments a place in the memory of the processor.
By default, the configurer allocates all the code and data segments to a contiguous default block of
memory. The location of this default block and the order of the segments may be defined in the
configuration description. The configuration description can also specify that any one of the code or
data segments of an application are to be allocated to particular places in memory outside the default
block.
The compiler, linker and collector each will optionally produce a listing of how the various parts of an
application are mapped into the segments and memory.A tool is provided that can read all these map
files and produce a summary of the whole application, giving the locations of all the functions and
static variables. Information is collated about code and data segments including the start address and
size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com