Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20-SWC Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST20-SWC
Description  C preprocessor for ST20 and T4/T8 transputers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWC Datasheet(HTML) 2 Page - STMicroelectronics

  ST20-SWC Datasheet HTML 1Page - STMicroelectronics ST20-SWC Datasheet HTML 2Page - STMicroelectronics ST20-SWC Datasheet HTML 3Page - STMicroelectronics ST20-SWC Datasheet HTML 4Page - STMicroelectronics ST20-SWC Datasheet HTML 5Page - STMicroelectronics ST20-SWC Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ST20-SWC++ Preprocessor
2/6
1
Product Overview
The C++ Preprocessor is derived from
C++ Language System version 3.0.3 of UNIX System Labora-
tories Inc.
SGS-THOMSON Microelectronics has developed its own tools and libraries so that the C++ compiler,
used in conjunction with the ANSI C Toolset, can be used to programme ST20 and transputer targets.
The C++ Preprocessor is available for two development platforms:
ST20-SWC++/PC C++ Preprocessor for IBM PC under MSDOS 5.0
ST20-SWC++/SUN C++ Preprocessor for Sun 4 under SunOS 4.1.3 or Solaris 2.4
1.1
C++
C++ is a general purpose programming language which has evolved from C. It combines the benefits
of object orientated programming with the efficiency of C.
Its benefits include:
Strong Type Checking
Helps reduce coding problems.
Encapsulation
Constructing large applications is easier by using C++ classes. A C++ class is a user defined
type which may contain data to represent the type, and member functions to implement oper-
ations on the type.
Data Abstraction
Ease maintenance and product evolution by restricting access to a class’s implementation
details.
Multiple Inheritance
Classes may inherit properties from other classes. This enables classes (and hence effort)
to be reused.
Dynamic Binding
Use function names consistently, independent of object type, as class members may be
bound dynamically at run-time (virtual functions).
Type-Safe Linkage
Provides function argument checking across different compilation modules. This enables the
correct function to be acquired by a linker when several alternatives are available in the pres-
ence of function overloading.
Parameterized Types (Template)
Allows users to define a type in terms of another, unspecified type, providing a facility for
defining extensive standard libraries.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com