Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS09008PO-11-WR-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # AS09008PO-11-WR-R
Description  SPEAKER 5W 8OHM 85DB 180HZ
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS09008PO-11-WR-R Datasheet(HTML) 2 Page - PUI audio inc.

  AS09008PO-11-WR-R Datasheet HTML 1Page - PUI audio inc. AS09008PO-11-WR-R Datasheet HTML 2Page - PUI audio inc. AS09008PO-11-WR-R Datasheet HTML 3Page - PUI audio inc. AS09008PO-11-WR-R Datasheet HTML 4Page - PUI audio inc. AS09008PO-11-WR-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPL (dB)
85
Rated Input Power
(W)
5
Temp. Grade
Standard
IP Rated
- N/A -
Diaphragm Material
Treated
Paper
Magnet Material
Ferritre
Tolerance (dB)
3
Resonant Freq
Tolerance (%)
20
Freq Min (kHz)
0.18
Freq Max (kHz)
10
Capacitance (pF)
- N/A -
Capacitance
Tolerance (%)
- N/A -
Input Power Max
(W)
8
Impendance
Tolerance (%)
15
Weight (g)
98
Additional Features
Water
Resistant
Master
Electronics
0
BUY NOW
Innovation is never static
Need something speci c? We do that. Connect with us about
custom solutions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com