Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE01034 Datasheet(PDF) 1 Page - pro-elec

Part # PE01034
Description  Mains Power Cord
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

PE01034 Datasheet(HTML) 1 Page - pro-elec

  PE01034 Datasheet HTML 1Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
02/12/22
Mains Power Cord
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-ELEC is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Mains Power Cord, 90° IEC 60320 C13 to Free End, 1m, Black
PE01034
Specifications
Connector to Connector
: 90° IEC 60320 C13 to Free End
Current Rating
: 10A
Jacket Colour
: Black
Cable Length
: 1m
Diagram


Similar Part No. - PE01034

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
PE01001 POLYMAKER-PE01001 Datasheet
142Kb / 2P
PolyLite™ ABS
Nov. 2018 Version 4.0
PE01002 POLYMAKER-PE01002 Datasheet
142Kb / 2P
PolyLite™ ABS
Nov. 2018 Version 4.0
logo
pro-elec
PE01003 PRO-ELEC-PE01003 Datasheet
93Kb / 1P
Worklight 2 in 1 With Magnet LED 4 × AAA
V1.0 14/04/16
logo
Polymaker Industrial
PE01003 POLYMAKER-PE01003 Datasheet
142Kb / 2P
PolyLite™ ABS
Nov. 2018 Version 4.0
logo
pro-elec
PE01004 PRO-ELEC-PE01004 Datasheet
125Kb / 1P
Worklight Mini 14 LED, 3 X AAA
V1.0 14/04/16
More results

Similar Description - PE01034

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
422U SCHURTER-422U Datasheet
336Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Angled
2225 SCHURTER-2225 Datasheet
235Kb / 2P
Power Supply Cord with CH Power (Mains) Plug 2-pole, Straight
2228 SCHURTER-2228 Datasheet
214Kb / 1P
Power Cord with Contour Power (Mains) Plug 2-pole, Straight
2343 SCHURTER-2343 Datasheet
260Kb / 2P
Power Supply Cord with UK Power (Mains) Plug 3-pole, Angled
4121 SCHURTER-4121 Datasheet
273Kb / 2P
Power Supply Cord with Euro- Power (Mains) Plug, Straight
4250 SCHURTER-4250 Datasheet
266Kb / 2P
Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
4310 SCHURTER-4310 Datasheet
240Kb / 2P
Power Supply Cord with IT Power (Mains) Plug 3-pole, Straight
4321 SCHURTER-4321 Datasheet
271Kb / 2P
Power Supply Cord with CH Power (Mains) Plug 3-pole, Straight
4370 SCHURTER-4370 Datasheet
297Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Straight
422U SCHURTER-422U_V01 Datasheet
390Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Angled
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com