Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16600 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST16600
Description  Smartcard MCU With 512 Bytes EEPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16600 Datasheet(HTML) 2 Page - STMicroelectronics

  ST16600 Datasheet HTML 1Page - STMicroelectronics ST16600 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST16600
2/2
DESCRIPTION
The ST16600, a member of the standard ST16
device family, is a serial access microcontroller
especially designed for high volume and cost
competitive
Smartcard
applications
where
firmware security algorithm must be implemented.
The ST16600 is based on 8 bit CPU core and in-
cludes on chip memories: 128 Bytes of RAM, 6
KBytes of USER ROM, 1 KByte of SYSTEM ROM,
and 512 Bytes of EEPROM.
Both ROM and EEPROM memories can be con-
figured into two sectors. Access rules from any
memory section or sector to any other are set-up
by the User’s defined Memory Access Control Ma-
trix (MACM).
Reliability data related to the ST16600 product
manufactured
using
STMicroelectronics
ad-
vanced CMOS EEPROM technology confirm data
retention up to 10 years and endurance up to
300,000 Erase/Write cycles.
As all other ST16 family members, the ST16600 is
fully compatible with the ISO standards for Smart-
card applications.
Software development (ROM code, options) can
be completed by the ST16-19HDS development
system.
The ST16600 can be delivered either in unsawn or
sawn wafers, 180 or 275 micron thickness as well
as in micromodule package.
Figure 1. Block Diagram
SCP 102b/DS
MEMORY ACCESS CONTROL MATRIX
CPU
BYTES
SERIAL I/0's
INTERFACE
NUMBER
GENERATOR
INTERNAL BUS
RAM
SECT.
A
SECT.
B
SECTOR
A
SECTOR
B
SECTORS
COMBIN.
ROM
V
GENERATION
EEPROM
SECTORS COMBINATIVE
RST
GND
V
I/O1
CLK
SYSTEM
ROM
SECT.
S
SECURITY
LOGIC
I/O2
PP
CC
8 BIT
128
6 KBytes
512 Bytes
1 KBtytes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com