Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE821 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 20Page - STMicroelectronics STMPE821 Datasheet HTML 21Page - STMicroelectronics STMPE821 Datasheet HTML 22Page - STMicroelectronics STMPE821 Datasheet HTML 23Page - STMicroelectronics STMPE821 Datasheet HTML 24Page - STMicroelectronics STMPE821 Datasheet HTML 25Page - STMicroelectronics STMPE821 Datasheet HTML 26Page - STMicroelectronics STMPE821 Datasheet HTML 27Page - STMicroelectronics STMPE821 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
GPIO controller
STMPE821
24/55
The function of each bit is shown in the following table:
Table 9.
GPIO control bits function
Register name
Function
GPIO monitor pin state
Reading this bit yields the current state of the bit. Writing has no
effect.
GPIO set pin state
Writing '1' to this bit causes the corresponding GPIO to go to '1' state
Writing '0' to this bit causes the corresponding GPIO to go to '0' state
GPIO set pin direction
'0' sets the corresponding GPIO to input state, and '1' sets it to output
state. All bits are '0' on reset. The GPIO must be set as output if the
PWM on this pin is to be used.
GPIO function
'1' sets the corresponding GPIO to function as GPIO/PWM, and '0'
sets it to touchkey direct output mode.
For GPIO 0-3, if the GPIO function is set to GPIO/PWM mode and the
AF bits in the PWM master enable register is enabled, the
corresponding GPIO will function as PWM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com