| Electronic Components Datasheet Search |
|
HTMS8201FUG/AM Datasheet(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8201FUG/AM Datasheet(HTML) 29 Page - NXP Semiconductors |
|
29 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 29 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 13.4 Modes 13.4.1 ISO 11785 Mode This mode is also named TTF (Transponder Talks First). Every time a transponder IC is activated by the field it starts executing this mode. After waiting the maximum listening window time (see Section 11.2) the transponder IC sends continuously its TTF data (128-bit). The TTF data stored in the memory will be not checked for ISO compliance, therefore data will be sent as stored in the EEPROM. Receiving a valid command or a switch command within the listening window sets the transponder IC into RTF (Reader Talks First) mode. 13.4.2 RTF Mode In this mode the transponder IC reacts only to RWD request commands as presented in Section 14. A valid request consists of a command sent to the transponder IC being in matching state (therefore see tables in Section 14 and transponder ICs state machine in Section 13). 13.4.3 Anticollision The RWD is the master of the communication with one or multiple transponder ICs. It starts the anticollision sequence by issuing the inventory request (see Section 14.3). Within the RWD command the NOS flag must be set to the desired setting (1 or 16 slots) and add the mask length and the mask value after the command field. The mask length n indicates the number of significant bits of the mask value. It can have any value between 0 and 44 when 16 slots are used and any value between 0 and 48 when 1 slot is used. The next two subsections summarize the actions done by the transponder IC during an inventory round. 13.4.3.1 Anticollision with 1 slot The transponder IC will receive one ore more inventory commands with NOS = '1'. Every time the transponder ICs fractional or whole UID matches the mask value of RWD's request it responses with remaining UID without mask value. Transponder ICs responses are modulated by dual pattern data coding as described in Section 11.4. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |