Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS10850100F130WA. Datasheet(PDF) 3 Page - E-SWITCH

Part # WS10850100F130WA.
Description  WS1 Series Snap Action Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

WS10850100F130WA. Datasheet(HTML) 3 Page - E-SWITCH

  WS10850100F130WA. Datasheet HTML 1Page - E-SWITCH WS10850100F130WA. Datasheet HTML 2Page - E-SWITCH WS10850100F130WA. Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.e-switch.com
800.867.2717
3
WS1 Series Snap Action Switch
Body Dimensions -
Wire Leads
Schematic
SHEET OF
2
2
WS1-Catalog Drawing
8/3/2022
1.40
[.055 in]
2.75
[.108 in]
5.40
[.213 in]
18.50
[.728 in]
1.40
[
.055 in]
8.20
[.323 in]
14.70
[.579 in]
2.95
[
.116 in]
3.15
[.124 in]
FLATS
3.30
[
.130 in]
THRU
O.P.
F.P.
3.70
[.146 in]
8.30
[.327 in]
(3) WIRE,
24 AWG UL1007
STRANDED
12.00
[.472 in]
3.0
[.12 in]
(
)
PRE-STRIPPED
AND TINNED
162.08.0
6.38.31 in
[
]
O.P. (MM)
F.P. (MM)
O.P. = OPERATING POINT
F.P. = FREE-POSITION
6.40~6.95
7.35 MAX
NC
NO
COM
SWITCH
WIRE
LENGTH
SW1-1 (COM)
WIRE, 24AWG UL1007 STRANDED, BLACK
162.0 [6.38 in]
SW1-3 (NO)
WIRE, 24AWG UL1007 STRANDED, BLUE
162.0 [6.38 in]
SW1-2 (NC)
WIRE, 24AWG UL1007 STRANDED, YELLOW 162.0 [6.38 in]
RATINGS AND
APPROVALS SHOWN
ON OPPOSITE SIDE
13.35
[.526 in]
2.70
[.106 in]
.80
[.031 in]
(
)
OVERTRAVEL
13.00
[.512 in]
2.75
[.108 in]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com