Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300AWSP1R2REDM2RE Datasheet(PDF) 1 Page - E-SWITCH

Part # 300AWSP1R2REDM2RE
Description  300A Series Rocker Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

300AWSP1R2REDM2RE Datasheet(HTML) 1 Page - E-SWITCH

  300AWSP1R2REDM2RE Datasheet HTML 1Page - E-SWITCH 300AWSP1R2REDM2RE Datasheet HTML 2Page - E-SWITCH 300AWSP1R2REDM2RE Datasheet HTML 3Page - E-SWITCH 300AWSP1R2REDM2RE Datasheet HTML 4Page - E-SWITCH 300AWSP1R2REDM2RE Datasheet HTML 5Page - E-SWITCH 300AWSP1R2REDM2RE Datasheet HTML 6Page - E-SWITCH 300AWSP1R2REDM2RE Datasheet HTML 7Page - E-SWITCH 300AWSP1R2REDM2RE Datasheet HTML 8Page - E-SWITCH 300AWSP1R2REDM2RE Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Test Equipment
Computer Peripherals
Networking
Instrumentation
Telecommunication
Electrical Housewares
Part Number Configurator
Applications / Markets
Features & Benefits
Specifications
300A Series Rocker Switch
Specifications subject to change without notice
• Multiple rocker & paddle options
• Multiple termination options
• Sealed to IP67
• UL Listed
Contact Rating: Silver: 5A @120VAC or 28VDC;
2A @ 250VAC
Gold: 0.4VA @ 20V Max (AC or DC)
Contact Resistance: 10mΩ Max Initial
Insulation Resistance: 1,000MΩ
Dielectric Strength: 1,000V RMS at sea level
Operating Temperature: -30°C to 85°C
Contact Arrangement: SPDT, DPDT
300A
WSP1 - SPDT On-
None-On
WSP2 - SPDT On-
None-(On)
WSP3 - SPDT On-
Off-On
WSP4 - SPDT (On)-
Off-(On)
WSP5 - SPDT On-Off-
(On)
WDP1 - DPDT On-
None-On
WDP2 - DPDT On-
None-(On)
WDP3 - DPDT On-
Off-On
WDP4 - DPDT (On)-
Off-(On)
WDP5 - DPDT On-Off-
(On)
R1 - Panel Mount
R2 - Panel Mount
R11 - Panel Mount
R16 - Panel Mount
J1 - PC Mount
J2 - PC Mount
J3 - PC Mount
J4 - PC Mount
J5 - PC Mount
J6 - PC Mount
Series
Model No.
Actuator
M1 - Standard
Vertical Panel Mount
M2 - Standard
Vertical PC Mount
M3 - Quick
Connect Vertical Panel
Mount
M6 - Horizontal Rt
Angle PC Mount
M7 - Vertical Rt Angle
PC Mount
VS2 -Vertical PC Mount
w/ Retention Bracket
Dim A=0.460
VS21 - Vertical PC
Mount w/ Retention
Bracket
VS3 -Vertical PC Mount
w/ Retention Bracket
dim A=0.630
Termination
Actuator
Color
BLK - Black
RED - Red
WHT - White
Q - Silver
R - Gold
Contact
Material
E - Epoxy
Seal


Similar Part No. - 300AWSP1R2REDM2RE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
300AWSP1R2REDM1QE E-SWITCH-300AWSP1R2REDM1QE Datasheet
745Kb / 6P
ROCKER AND PADDLE SWITCHES - MINIATURE
300AWSP1R2REDM1QE E-SWITCH-300AWSP1R2REDM1QE Datasheet
745Kb / 6P
ROCKER AND PADDLE SWITCHES - MINIATURE
300AWSP1R2REDM1RE E-SWITCH-300AWSP1R2REDM1RE Datasheet
745Kb / 6P
ROCKER AND PADDLE SWITCHES - MINIATURE
300AWSP1R2REDM1RE E-SWITCH-300AWSP1R2REDM1RE Datasheet
745Kb / 6P
ROCKER AND PADDLE SWITCHES - MINIATURE
300AWSP1R2REDM3QE E-SWITCH-300AWSP1R2REDM3QE Datasheet
745Kb / 6P
ROCKER AND PADDLE SWITCHES - MINIATURE
More results

Similar Description - 300AWSP1R2REDM2RE

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com