Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS7M2FP Datasheet(PDF) 3 Page - E-SWITCH

Part # CS7M2FP
Description  CS Series Anti-vandal Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

CS7M2FP Datasheet(HTML) 3 Page - E-SWITCH

  CS7M2FP Datasheet HTML 1Page - E-SWITCH CS7M2FP Datasheet HTML 2Page - E-SWITCH CS7M2FP Datasheet HTML 3Page - E-SWITCH CS7M2FP Datasheet HTML 4Page - E-SWITCH CS7M2FP Datasheet HTML 5Page - E-SWITCH CS7M2FP Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.e-switch.com
800.867.2717
3
CS Series Anti-vandal Switch
Body Dimensions
22mm
SHEET OF
2
3
CS Catalog Drawing
9/7/2018
7 - 22MM - L - LATCHING
P - POWER SYMBOL &
RING ILLUMINATION
CONNECTOR HOUSING
1 X 6 PIN
M22 x 1.0
THREAD
ORANGE WIRE
PIN 6
BLACK WIRE
PIN 1
15.00
[.591 in]
2.00
[.079 in]
PIN #1
18.8
[.74 in]
POWER SYMBOL AND
RING ILLUMINATION
SHOWN
25.00
[.984 in]
10.60
[.417 in]
20.50.15
.807.006 in
[
]
FLATS
150.06.0
5.906.236 in
[
]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com