Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS7L2FR. Datasheet(PDF) 4 Page - E-SWITCH

Part # CS7L2FR.
Description  CS Series Anti-vandal Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

CS7L2FR. Datasheet(HTML) 4 Page - E-SWITCH

  CS7L2FR. Datasheet HTML 1Page - E-SWITCH CS7L2FR. Datasheet HTML 2Page - E-SWITCH CS7L2FR. Datasheet HTML 3Page - E-SWITCH CS7L2FR. Datasheet HTML 4Page - E-SWITCH CS7L2FR. Datasheet HTML 5Page - E-SWITCH CS7L2FR. Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.e-switch.com
800.867.2717
4
www.e-switch.com
800.867.2717
4
XXX Series
CS Series Anti-vandal Switch
19mm
22mm
Illumination Styles
SHEET OF
4
4
CS Catalog Drawing
9/7/2018
10.60
[.417 in]
25.00
[.984 in]
18.8
[.74 in]
ILLUMINATED
ILLUMINATED
18.80
[.740 in]
25.00
[.984 in]
R - RING ILLUMINATION
P - POWER SYMBOL &
RING ILLUMINATION
R - RING ILLUMINATION
P - POWER SYMBOL &
RING ILLUMINATION
22.00
[.866 in]
15.50
[.610 in]
8.40
[.331 in]
ILLUMINATED
22.00
[.866 in]
15.50
[.610 in]
ILLUMINATED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com