Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGU2G331MELC. Datasheet(PDF) 4 Page - Nichicon corporation

Part # LGU2G331MELC.
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGU2G331MELC. Datasheet(HTML) 4 Page - Nichicon corporation

  LGU2G331MELC. Datasheet HTML 1Page - Nichicon corporation LGU2G331MELC. Datasheet HTML 2Page - Nichicon corporation LGU2G331MELC. Datasheet HTML 3Page - Nichicon corporation LGU2G331MELC. Datasheet HTML 4Page - Nichicon corporation LGU2G331MELC. Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
287
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
Rated ripple current (mArms) at 105°C 120Hz
Dimensions
0220
0270
0330
0390
0470
0560
0680
0820
1000
1200
1500
1800
2200
20 × 25
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
20 × 40
22 × 30
25 × 25
20 × 45
22 × 35
25 × 30
30 × 25
20 × 50
22 × 40
25 × 30
30 × 25
22 × 45
25 × 35
30 × 30
35 × 25
25 × 45
30 × 30
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
1000
1100
1100
1200
1250
1250
1310
1350
1350
1450
1500
1500
1500
1580
1670
1670
1670
1780
1780
1780
1780
2040
2040
2040
2300
2300
2300
2650
2650
3080
3080
3480
3780
0.62
0.69
0.69
0.77
0.77
0.77
0.83
0.83
0.83
0.91
0.91
0.91
0.91
1.00
1.00
1.00
1.00
1.10
1.10
1.10
1.10
1.21
1.21
1.21
1.34
1.34
1.34
1.46
1.46
1.64
1.64
1.80
1.98
200V (2D)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
LGU2D221MELY
LGU2D271MELY
LGU2D271MELZ
LGU2D331MELY
LGU2D331MELZ
LGU2D331MELA
LGU2D391MELY
LGU2D391MELZ
LGU2D391MELA
LGU2D471MELY
LGU2D471MELZ
LGU2D471MELA
LGU2D471MELB
LGU2D561MELY
LGU2D561MELZ
LGU2D561MELA
LGU2D561MELB
LGU2D681MELZ
LGU2D681MELA
LGU2D681MELB
LGU2D681MELC
LGU2D821MELA
LGU2D821MELB
LGU2D821MELC
LGU2D102MELA
LGU2D102MELB
LGU2D102MELC
LGU2D122MELB
LGU2D122MELC
LGU2D152MELB
LGU2D152MELC
LGU2D182MELC
LGU2D222MELC
0180
0220
0270
0330
0390
0470
0560
0680
0820
1000
1200
1500
20 × 25
20 × 30
22 × 25
20 × 35
22 × 30
20 × 40
22 × 35
25 × 25
20 × 45
22 × 35
25 × 30
20 × 50
22 × 40
25 × 35
30 × 25
22 × 45
25 × 40
30 × 30
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
0900
1000
1000
1150
1150
1250
1250
1250
1400
1400
1400
1450
1450
1450
1450
1700
1700
1700
1780
1780
1780
2100
2100
2100
2400
2400
2600
2600
3000
0.59
0.66
0.66
0.73
0.73
0.80
0.80
0.80
0.87
0.87
0.87
0.96
0.96
0.96
0.96
1.05
1.05
1.05
1.16
1.16
1.16
1.27
1.27
1.27
1.40
1.40
1.54
1.54
1.72
LGU2P181MELY
LGU2P221MELY
LGU2P221MELZ
LGU2P271MELY
LGU2P271MELZ
LGU2P331MELY
LGU2P331MELZ
LGU2P331MELA
LGU2P391MELY
LGU2P391MELZ
LGU2P391MELA
LGU2P471MELY
LGU2P471MELZ
LGU2P471MELA
LGU2P471MELB
LGU2P561MELZ
LGU2P561MELA
LGU2P561MELB
LGU2P681MELA
LGU2P681MELB
LGU2P681MELC
LGU2P821MELA
LGU2P821MELB
LGU2P821MELC
LGU2P102MELB
LGU2P102MELC
LGU2P122MELB
LGU2P122MELC
LGU2P152MELC
220V (2P)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
0150
0180
0220
0270
0330
0390
0470
0560
0680
0820
1000
1200
1500
20 × 25
20 × 30
20 × 30
22 × 25
20 × 35
22 × 35
25 × 25
20 × 40
22 × 40
25 × 30
30 × 25
20 × 50
22 × 45
25 × 35
30 × 25
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
0790
0900
1000
1000
1100
1180
1180
1200
1300
1300
1300
1450
1490
1490
1490
1650
1650
1650
1650
1800
1800
1800
2000
2000
2000
2300
2300
2470
2470
2600
3000
0.58
0.63
0.70
0.70
0.77
0.77
0.77
0.86
0.86
0.86
0.86
0.93
0.93
0.93
0.93
1.02
1.02
1.02
1.02
1.12
1.12
1.12
1.23
1.23
1.23
1.35
1.35
1.50
1.50
1.64
1.83
LGU2E151MELY
LGU2E181MELY
LGU2E221MELY
LGU2E221MELZ
LGU2E271MELY
LGU2E271MELZ
LGU2E271MELA
LGU2E331MELY
LGU2E331MELZ
LGU2E331MELA
LGU2E331MELB
LGU2E391MELY
LGU2E391MELZ
LGU2E391MELA
LGU2E391MELB
LGU2E471MELZ
LGU2E471MELA
LGU2E471MELB
LGU2E471MELC
LGU2E561MELA
LGU2E561MELB
LGU2E561MELC
LGU2E681MELA
LGU2E681MELB
LGU2E681MELC
LGU2E821MELB
LGU2E821MELC
LGU2E102MELB
LGU2E102MELC
LGU2E122MELC
LGU2E152MELC
250V (2E)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
180V (2Z)
0220
0270
0330
0390
0470
0560
0680
0820
1000
1200
1500
1800
2200
20 × 25
20 × 30
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
20 × 40
22 × 35
25 × 30
30 × 25
20 × 45
22 × 40
25 × 30
30 × 25
22 × 45
25 × 35
30 × 30
35 × 25
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
35 × 30
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
35 × 45
35 × 50
1000
1100
1200
1200
1300
1350
1350
1400
1500
1500
1500
1550
1670
1670
1670
1780
1780
1780
1780
2040
2040
2040
2040
2300
2300
2300
2550
2550
2550
2900
2900
3300
3650
0.59
0.66
0.73
0.73
0.79
0.79
0.79
0.87
0.87
0.87
0.87
0.95
0.95
0.95
0.95
1.04
1.04
1.04
1.04
1.15
1.15
1.15
1.15
1.27
1.27
1.27
1.39
1.39
1.39
1.55
1.55
1.70
1.88
LGU2Z221MELY
LGU2Z271MELY
LGU2Z331MELY
LGU2Z331MELZ
LGU2Z391MELY
LGU2Z391MELZ
LGU2Z391MELA
LGU2Z471MELY
LGU2Z471MELZ
LGU2Z471MELA
LGU2Z471MELB
LGU2Z561MELY
LGU2Z561MELZ
LGU2Z561MELA
LGU2Z561MELB
LGU2Z681MELZ
LGU2Z681MELA
LGU2Z681MELB
LGU2Z681MELC
LGU2Z821MELZ
LGU2Z821MELA
LGU2Z821MELB
LGU2Z821MELC
LGU2Z102MELA
LGU2Z102MELB
LGU2Z102MELC
LGU2Z122MELA
LGU2Z122MELB
LGU2Z122MELC
LGU2Z152MELB
LGU2Z152MELC
LGU2Z182MELC
LGU2Z222MELC
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
LGU



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com