Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DALIECO-BT-RTC-CONTROL Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DALIECO-BT-RTC-CONTROL
Description  DALIECO BT RTC CONTROL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DALIECO-BT-RTC-CONTROL Datasheet(HTML) 1 Page - OSRAM GmbH

  DALIECO-BT-RTC-CONTROL Datasheet HTML 1Page - OSRAM GmbH DALIECO-BT-RTC-CONTROL Datasheet HTML 2Page - OSRAM GmbH DALIECO-BT-RTC-CONTROL Datasheet HTML 3Page - OSRAM GmbH DALIECO-BT-RTC-CONTROL Datasheet HTML 4Page - OSRAM GmbH DALIECO-BT-RTC-CONTROL Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product family benefits
_ Daytime depending change of brightness and color temperature (HCL)
_ Suitable for Human Centric Lighting Applications (HCL)
_ Control the light via Smartphone
_ Adjustment of all settings via smartphone
_ Up to 4 timers with ON-/OFF-Time and weekday configurable
_ Simplified startup thanks to predefined operation modes
_ Intuitive manual dimming, switching and changing of colour temperature
_ Up to 4 groups separatly controllable
_ Adjustable Offset for different groups
_ Easy Scene creation via App
_ Scene-recall via OSRAM DALI PRO PB coupler possible
_ Firmware update over-the-air via Bluetooth possible
_ Integrated DALI supply
_ Control of standard white or Tunable White light acc. DALI device type 8 (DT8)*
_ Selected DALI parameters changeable via APP
Product datasheet
DALIECO BT RTC CONTROL
DALI ECO BT RTC | Control units for light management systems
Product family features
_ Compact light control with DALI interface
_ Smart phone connection via Bluetooth to control and
configure
_ Integrated clock for time based control of brightness and
color temperature (HCL)
_ Adaptable HCL curve with up to 24 points
_ One DALI output channel (Broadcast or Groupcast)
_ Up to 32 DALI luminaires connectable
_ Supports up to 4 OSRAM DALI sensors and pushbutton
couplers
_ Daylight-dependent regulation and presence-dependent
control of light
_ Pushbutton interface to separately control brightness and
color temperature
_ Supports DALI DT8 Tunable White driver
_ Outputs with electronical reversible overtemperature, short-
circuit, overload protection
_ Length of the DALI control cable: up to 300 m
_ Length of the pushbutton cable: up to 50 m
_ Suitable for luminaire integration
__
July 6, 2023, 19:14:13
© 2023, Inventronics GmbH. All rights reserved. Inventronics is a
licensee of the OSRAM brand. OSRAM is a trademark of ams OSRAM.
DALIECO BT RTC CONTROL
Page 1 of 5


Similar Part No. - DALIECO-BT-RTC-CONTROL

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DALI-ACU-BT OSRAM-DALI-ACU-BT Datasheet
129Kb / 4P
DALI PCU | Light management systems
March 14, 2023
DALI-MAGIC/220-240V-DIM OSRAM-DALI-MAGIC/220-240V-DIM Datasheet
138Kb / 3P
DALI magic
July 11, 2023
DALI-MCU-TW-G2 OSRAM-DALI-MCU-TW-G2 Datasheet
145Kb / 4P
DALI MCU TW G2
July 2, 2023
DALI-PCU OSRAM-DALI-PCU Datasheet
129Kb / 4P
DALI PCU | Light management systems
March 14, 2023
DALI-PS-100-LI OSRAM-DALI-PS-100-LI Datasheet
226Kb / 5P
DALI PS 100 LI
July 6, 2023
More results

Similar Description - DALIECO-BT-RTC-CONTROL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285 TI-BQ4285 Datasheet
1Mb / 27P
Real-Time Clock RTC With NVRAM Control
BQ4285E TI-BQ4285E Datasheet
1Mb / 32P
Enhanced RTC With NVRAM Control
logo
Dallas Semiconductor
DS1500 DALLAS-DS1500 Datasheet
351Kb / 19P
Y2K Watchdog RTC with Nonvolatile Control
logo
Maxim Integrated Produc...
DS1500 MAXIM-DS1500 Datasheet
365Kb / 19P
Y2K Watchdog RTC with Nonvolatile Control
REV: 111705
logo
Meder Electronic
BT05-2A66 MEDER-BT05-2A66 Datasheet
76Kb / 1P
BT Reed Relay
BT05-2A75 MEDER-BT05-2A75 Datasheet
83Kb / 2P
BT Reed Relay
BTS05-2A85 MEDER-BTS05-2A85 Datasheet
82Kb / 2P
BT Reed Relay
logo
Maxim Integrated Produc...
DS1500 MAXIM-DS1500_11 Datasheet
547Kb / 20P
Y2K Watchdog RTC with Nonvolatile Control
Rev 11/11
logo
Texas Instruments
BQ4285 TI1-BQ4285_14 Datasheet
1Mb / 29P
Real-Time Clock (RTC) With NVRAM Control
BQ4285E TI1-BQ4285E_14 Datasheet
1Mb / 31P
Enhanced RTC With NVRAM Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com