Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

00822. Datasheet(PDF) 1 Page - Wiha Tools

Part # 00822.
Description  Screwdriver SoftFinish electric Slotted 3.5 mm x 100 mm (00822)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

00822. Datasheet(HTML) 1 Page - Wiha Tools

  00822. Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Screwdriver SoftFinish® electric Slotted 3.5 mm x
100 mm (00822)
Wiha Werkzeuge GmbH
Obertalstraße 3-7 78136
Schonach
E-Mail: info.de@wiha.com
Tel.:+49 (0)7722 959-0
Order no.: 00822
Article number: 320N035100
EAN: 4010995008222
Customs tariff number: 82054000
Increases your efficiency: Unique Wiha handle-length concept for optimum balance of torque and control.
Protects your health: With the patented SoftFinish® handle design, ensuring work is kind to hands and
muscles. Recommended by doctors and therapists at German Campaign for Healthier Backs.
Offers you full protection: Each tool individually tested at 10,000 V AC and approved for 1,000 V AC.
Application: For work in the area of live parts up to 1,000 V AC.
Electrics
Manufactured acc. to IEC 60900.
Customs tariff number
82054000
Slotted 1
3.5 mm
Blister pack
No
Cutting strength 1
0,60 mm
Handle diameter
23 mm
Visible blade length
100 mm
Overall length (mm)
204 mm
VDE article
Yes
Country of origin (ISO
3166-1 Alpha 3)
DEU


Similar Part No. - 00822.

ManufacturerPart #DatasheetDescription
logo
ABB
00822 ABB-00822 Datasheet
38Kb / 2P
IP55- CABLE GL.-LOW LID-153X110X66
logo
Wiha Tools
00822 WIHA-00822 Datasheet
58Kb / 1P
Screwdriver SoftFinish electric
logo
Molex Electronics Ltd.
0082225902 MOLEX3-0082225902 Datasheet
219Kb / 4P
3.96mm (.156") Pitch Round Conductor Flat Cable
0082225903 MOLEX3-0082225903 Datasheet
219Kb / 4P
3.96mm (.156") Pitch Round Conductor Flat Cable
0082225904 MOLEX3-0082225904 Datasheet
219Kb / 4P
3.96mm (.156") Pitch Round Conductor Flat Cable
More results

Similar Description - 00822.

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528SEC KINGBRIGHT-AA3528SEC Datasheet
112Kb / 4P
3.5 x 2.8 mm SMD LED LAMP
logo
STANLEY ELECTRIC CO.,LT...
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
SW1305A STANLEY-SW1305A Datasheet
311Kb / 14P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
Kingbright Corporation
AA3528SF4S-R KINGBRIGHT-AA3528SF4S-R Datasheet
313Kb / 4P
3.5 x 2.8 mm Infrared Emitting Diode
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
6.0 x 3.5 mm SMD Crystal
logo
SunLED Corporation
XZFBBM2ACRDG92W-3 SUNLED-XZFBBM2ACRDG92W-3 Datasheet
285Kb / 4P
3.5 x 3.5 mm Surface Mount SMD Chip LED
Feb 04,2021
logo
SparkFun Electronics
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
logo
SunLED Corporation
XZM2CRKCYKFBB92W-3 SUNLED-XZM2CRKCYKFBB92W-3 Datasheet
295Kb / 4P
3.5 x 3.5 mm Surface Mount SMD Chip LED
Dec 15,2021
XZFBBM2ACRTHI92W-3 SUNLED-XZFBBM2ACRTHI92W-3 Datasheet
339Kb / 4P
3.5 x 3.5 mm Surface Mount SMD Chip LED
Aug 29,2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com