Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93S66-RDS3P Datasheet(PDF) 1 Page - STMicroelectronics

Part # M93S66-RDS3P
Description  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S66-RDS3P Datasheet(HTML) 1 Page - STMicroelectronics

  M93S66-RDS3P Datasheet HTML 1Page - STMicroelectronics M93S66-RDS3P Datasheet HTML 2Page - STMicroelectronics M93S66-RDS3P Datasheet HTML 3Page - STMicroelectronics M93S66-RDS3P Datasheet HTML 4Page - STMicroelectronics M93S66-RDS3P Datasheet HTML 5Page - STMicroelectronics M93S66-RDS3P Datasheet HTML 6Page - STMicroelectronics M93S66-RDS3P Datasheet HTML 7Page - STMicroelectronics M93S66-RDS3P Datasheet HTML 8Page - STMicroelectronics M93S66-RDS3P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1/34
April 2004
M93S66, M93S56
M93S46
4Kbit, 2Kbit and 1Kbit (16-bit wide)
MICROWIRE Serial Access EEPROM with Block Protection
FEATURES SUMMARY
■
Industry Standard MICROWIRE Bus
■
Single Supply Voltage:
–
4.5 to 5.5V for M93Sx6
–
2.5 to 5.5V for M93Sx6-W
–
1.8 to 5.5V for M93Sx6-R
■
Single Organization: by Word (x16)
■
Programming Instructions that work on: Word
or Entire Memory
■
Self-timed Programming Cycle with Auto-
Erase
■
User Defined Write Protected Area
■
Page Write Mode (4 words)
■
Ready/Busy Signal During Programming
■
Speed:
–
1MHz Clock Rate, 10ms Write Time
(Current product, identified by process
identification letter F or M)
–
2MHz Clock Rate, 5ms Write Time (New
Product, identified by process
identification letter W or G)
■
Sequential Read Operation
■
Enhanced ESD/Latch-Up Behavior
■
More than 1 Million Erase/Write Cycles
■
More than 40 Year Data Retention
Figure 1. Packages
PDIP8 (BN)
8
1
SO8 (MN)
150 mil width
8
1
TSSOP8 (DW)
169 mil width
TSSOP8 (DS)
3x3mm body size


Similar Part No. - M93S66-RDS3P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
M93S66-W STMICROELECTRONICS-M93S66-W Datasheet
556Kb / 32P
4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
More results

Similar Description - M93S66-RDS3P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
05-Oct-2004
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
31-Jul-2007
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
27-Oct-2005
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
23-Apr-2013
logo
ON Semiconductor
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
logo
STMicroelectronics
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
(8-bit or 16-bit wide) MICROWIRE serial access EEPROM
15-Nov-2013
logo
ON Semiconductor
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com