Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUCM350BBCZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADUCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350BBCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADUCM350BBCZ Datasheet HTML 20Page - Analog Devices ADUCM350BBCZ Datasheet HTML 21Page - Analog Devices ADUCM350BBCZ Datasheet HTML 22Page - Analog Devices ADUCM350BBCZ Datasheet HTML 23Page - Analog Devices ADUCM350BBCZ Datasheet HTML 24Page - Analog Devices ADUCM350BBCZ Datasheet HTML 25Page - Analog Devices ADUCM350BBCZ Datasheet HTML 26Page - Analog Devices ADUCM350BBCZ Datasheet HTML 27Page - Analog Devices ADUCM350BBCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 23 of 40
Pin No.
Mnemonic
I/O1
I/O Supply2
GPIO
Pull-Up/Down2
Description
B2
P2.0/COM0
I/O
VLCD VDD
Pull-up
GPIO/Common Output 0 for LCD Back Plane
(COM 0). This is a dual function pin.
A2
P2.1/COM1/RESX
I/O
VLCD VDD
Pull-up
GPIO/COM 1/Parallel Display Interface (PDI)
Reset. This is a multifunction pin.
B3
P2.2/COM2/CSX
I/O
VLCD VDD
Pull-up
GPIO/COM 2/PDI Chip Select. This is a
multifunction pin.
A3
P2.3/COM3/DCX
I/O
VLCD VDD
Pull-up
GPIO/COM 3/PDI Data Select. This is a
multifunction pin.
B4
P2.4/S1/RWX-RDX
I/O
VLCD VDD
Pull-up
GPIO/Segment Driver 1 (SEG 1)/PDI R/WX or
RDX. This is a multifunction pin.
A4
P2.5/S2/ECLOCK-WRX
I/O
VLCD VDD
Pull-up
GPIO/SEG 2/PDI E Clock Output (Motorola Bus
Mode) or PD Write Select (Intel® Bus Mode).
This is a multifunction pin.
A5
P1.0/S3/D0/SCL
I/O
VLCD VDD
Pull-down
GPIO/SEG 3/PDI D0/PDI Serial Port Clock. This
is a multifunction pin.
B5
P1.1/S4/D1/DOUT
I/O
VLCD VDD
Pull-down
GPIO/SEG 4/PDI D1/PDI Serial Port Data
Output. This is a multifunction pin.
A6
P1.2/S5/D2/DIN
I/O
VLCD VDD
Pull-down
GPIO/SEG 5/PDI D2/PDI Serial Port Data Input.
This is a multifunction pin.
B6
P1.3/S6/D3
I/O
VLCD VDD
Pull-down
GPIO/SEG 6/PDI D3. This is a multifunction pin.
A7
P1.4/S7/D4
I/O
VLCD VDD
Pull-down
GPIO/SEG 7/PDI D4. This is a multifunction pin.
B7
P1.5/S8/D5
I/O
VLCD VDD
Pull-down
GPIO/SEG 8/PDI D5. This is a multifunction pin.
A8
P1.6/S9/D6
I/O
VLCD VDD
Pull-down
GPIO/SEG 9/PDI D6. This is a multifunction pin.
B8
P1.7/S10/D7
I/O
VLCD VDD
Pull-down
GPIO/SEG 10/PDI D7/System Clock Output.
This is a multifunction pin.
A9
P1.8/S11/D8
I/O
VLCD VDD
Pull-down
GPIO/SEG 11/PDI D8. This is a multifunction pin.
B9
P1.9/S12/D9
I/O
VLCD VDD
Pull-down
GPIO/SEG 12/ PDI D9. This is a multifunction pin.
A10
P1.10/S13/D10
I/O
VLCD VDD
Pull-down
GPIO/SEG 13/PDI D10. This is a multifunction
pin.
B10
P1.11/S14/D11
I/O
VLCD VDD
Pull-down
GPIO/SEG 14/PDI D11. This is a multifunction
pin.
A11
P1.12/S15/D12
I/O
VLCD VDD
Pull-down
GPIO/SEG 15/PDI D12. This is a multifunction
pin.
B11
P1.13/S16/D13
I/O
VLCD VDD
Pull-down
GPIO/SEG 16/PDI D13. This is a multifunction
pin.
A12
P1.14/S17/D14
I/O
VLCD VDD
Pull-down
GPIO/SEG 17/PDI D14. This is a multifunction
pin.
B12
P1.15/S18/D15
I/O
VLCD VDD
Pull-down
GPIO/SEG 18/PDI D15. This is a multifunction
pin.
D15
P2.6/S19/TE
I/O
VLCD VDD
Pull-down
GPIO/SEG 19/TE. This is a multifunction pin.
C15
P2.7/S20/TOUTA
I/O
VLCD VDD
Pull-down
GPIO/SEG 20/Timer A Output. This is a multi-
function pin.
B15
P2.8/S21
I/O
VLCD VDD
Pull-down
GPIO/SEG 21. This is a dual function pin.
A14
P2.9/S22
I/O
VLCD VDD
Pull-down
GPIO/SEG 22. This is a dual function pin.
A13
P2.10/S23
I/O
VLCD VDD
Pull-down
GPIO/SEG 23. This is a dual function pin.
B13
P2.11/S24
I/O
VLCD VDD
Pull-down
GPIO/SEG 24. This is a dual function pin.
B14
P2.12/S25
I/O
VLCD VDD
Pull-up
GPIO/SEG 25. This is a dual function pin.
D14
P2.13/S26
I/O
VLCD VDD
Pull-up
GPIO/SEG 26. This is a dual function pin.
E15
P2.14/S27
I/O
VLCD VDD
Pull-up
GPIO/SEG 27. This is a dual function pin.
A15
P2.15/S28
I/O
VLCD VDD
Pull-up
GPIO/SEG 28. This is a dual function pin.
F8
P3.8/S29
I/O
VLCD VDD
Pull-up
GPIO/SEG 29. This is a dual function pin.
F9
P3.9/S30
I/O
VLCD VDD
Pull-up
GPIO/SEG 30. This is a dual function pin.
C14
P3.10/S31
I/O
VLCD VDD
Pull-up
GPIO/SEG 31. This is a dual function pin.
E14
P3.11/S32
I/O
VLCD VDD
Pull-up
GPIO/SEG 32. This is a dual function pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com