Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PLL
Description  Laser/Inkjet Printable Polyester Film
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLL Datasheet(HTML) 2 Page - PANDUIT CORP.

  PLL Datasheet HTML 1Page - PANDUIT CORP. PLL Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
18900 Panduit Drive
Tinley Park, IL 60487
Customer Service: 800-777-3300
TDS:
Effective Date:
Revision:
GMY6
20NOV13
7
Technical Data Sheet
Page 2 of 2
 2005 PANDUIT Corp
TDS: GMY6
CHEMICAL/SOLVENT RESISTANCE:
Samples were laser and inkjet printed. These samples were laminated to flat steel panels and were also wrapped around a 1/12”
OD wire. The test was conducted at room temperature after 24 hour dwell. The samples were then immersed in the specified
reagents for 5 immersions using the following cycle: a 10 minute immersion time followed by a 30 minute recovery time. After
the fifth immersion, the samples were conditioned for 24 hours before testing. Percent retention of performance for samples on
flat steel panels was based on a 48 hour adhesion value of 50 oz/inch width.
Chemical Reagent
Visual Observation
Print
Percent Retention of
Performance
Laser
Inkjet
Distilled Water
No effect
No effect
No effect
98%
Mineral Spirits
No effect
No effect
No effect
96%
Toluene
Slight adhesive bleed
No effect
No effect
91%
Isopropyl alcohol
No effect
No effect
No effect
96%
Methanol
No effect
No effect
No effect
91%
Acetone
Slight adhesive bleed
No effect
No effect
87%
Methyl Ethyl Ketone
Slight adhesive bleed
No effect
No effect
87%
1,1,1 Trichloroethane
No effect
No effect
No effect
94%
Freon TF
No effect
No effect
No effect
87%
Super Agitene
No effect
No effect
No effect
90%
Jet A Fuel
No effect
No effect
No effect
90%
Arco Truslide 68
No effect
No effect
No effect
89%
SAE 30 Motor Oil
No effect
No effect
No effect
102%
10% Nitric Acid
No effect
No effect
No effect
92%
PSTC:
Pressure Sensitive Tape Council (U.S.A.)
ASTM:
American Society for Testing and Materials (U.S.A.)
Approval
UL Recognized: UL969
File Number: MH14979 (for material suffix YAJ only)
LIMITED WARRANTY
All PANDUIT Identification Solution Products (except for Software programs) are warranted to be free from defects in material and workmanship
at the time of sale but our obligation under this warranty is limited to replacement of the product proved to be defective within 6 months from the
date of sale, or in the case of printers, within 90 days from the date of sale. This warranty is void if the products or printers are modified, altered
or misused in any way. Use of PANDUIT printers with any product other than the specified PANDUIT products for which the printer was designed
constitutes misuse. Before using, the user shall determine the suitability of the product for its intended use and user assumes all risk and
liability whatsoever in connection therewith. The foregoing may not be altered except by an agreement signed by officers or seller and
manufacturer.
NEITHER PANDUIT OR SELLER SHALL BE LIABLE FOR ANY OTHER INJURY, LOSS OR DAMAGE, WHETHER DIRECT OR
CONSEQUENTIAL, ARISING OUT OF THE USE OF, OR THE INABILITY TO USE THE PRODUCT OR THE PRINTER.
THIS WARRANTY IS MADE IN LIEU OF AND EXCLUDES ALL OTHER WARRANTIES, EXPRESS OR IMPLIED. THE IMPLIED
WARRANTIES OF MERCHANTABILITY AND FITNESS OF PARTICULAR USE ARE SPECIFICALLY EXCLUDED.
The information contained in this literature is based on our experience to date and is believed to be reliable. It is intended as a guide or
use by persons having technical skill at their own discretion and risk. We do not guarantee favorable results or assume any liability in
connection with its use. Dimensions contained herein are for reference purposes only. This publication is not to be taken as a license to
operate under, or a recommendation to infringe any existing patents. This supersedes and voids all previous literature, etc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com