Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSB. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # ADSB.
Description  Adjustable Depth Shelf ADS Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

ADSB. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  ADSB. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12/29/2017
Adjustable Depth Shelf (ADS Series) - Hammond Mfg.
https://www.hammfg.com/dci/products/accessories/ads
1/1
Mounting Hardware
Data subject to change without notice
Adjustable Depth Shelf ADS Series
Features
Constructed of 14-Gauge Steel.
Telescoping design provides three (3) convenient usable depths.
Fits within a single EIA rack unit and telescopes to cover entire depth.
Available in both solid and vented.
Choose the vented option to allow for airflow and/or cable management tie points.
Ships fully assembled.
Optional ADSB support bar increases load capacity up to 550 lbs (250 kg).
Finished in a durable smooth black powder paint.
RoHS and REACH compliant.
Manufactured in North America.
Gallery
Accessories
Part No.
Part No.
Overall Dimensions
Adjustable Depth Range
Rack
Weight Load
Optional Heavy Duty
Solid
Vented
Height
Width
Min
Max
Units
Capacity
Support Bar
ADSU1825BK
ADSV1825BK
1.72
19.00
18.00
25.00
1U
350 lbs (158 kg)
ADSB
ADSU2536BK
ADSV2536BK
1.72
19.00
25.00
36.00
1U
350 lbs (158 kg)
ADSB
ADSU3642BK
ADSV3642BK
1.72
19.00
36.00
42.00
1U
275 lbs (125 kg)
ADSB
© 2017. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Part No. - ADSB.

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ADS MSYSTEM-ADS Datasheet
127Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Hammond Manufacturing L...
ADS HAMMOND-ADS Datasheet
208Kb / 2P
Adjustable Depth Shelf ADS Series Up to 550 lbs (250 kg) Weight Capacity
9/3/22, 11:24 AM
logo
DATEL, Inc.
ADS-1011 DATEL-ADS-1011 Datasheet
124Kb / 1P
Sampling A/D Converters
ADS-1011 DATEL-ADS-1011 Datasheet
124Kb / 1P
Sampling A/D Converters
ADS-1011 DATEL-ADS-1011 Datasheet
123Kb / 1P
Sampling A/D Converters
More results

Similar Description - ADSB.

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
logo
STMicroelectronics
AN2146 STMICROELECTRONICS-AN2146 Datasheet
201Kb / 6P
STR71xF Embedded Flash Programming with ADS
01-May-2005
logo
Tripp Lite. All Rights ...
SRSHELF2PDP TRIPPLITE-SRSHELF2PDP Datasheet
489Kb / 2P
2U Cantilever Fixed Shelf (60 lb / 27 kg capacity; 21in. / 533.4 mm depth.)
SRSHELF4PKYBD TRIPPLITE-SRSHELF4PKYBD Datasheet
475Kb / 2P
SmartRack Keyboard Shelf (25 lb/11 kg capacity; 16in / 406 mm depth)
logo
Keysight Technologies
W2200BP KEYSIGHT-W2200BP Datasheet
492Kb / 2P
W2200 ADS Core
W2349EP KEYSIGHT-W2349EP Datasheet
357Kb / 5P
ADS Electro-Thermal Simulator
W2360EP KEYSIGHT-W2360EP Datasheet
4Mb / 9P
Advanced Design System (ADS)
W2366EP KEYSIGHT-W2366EP Datasheet
1Mb / 9P
Advanced Design System (ADS) Wireless Libraries
W2368EP KEYSIGHT-W2368EP Datasheet
146Kb / 2P
LTE Wireless Library for ADS
logo
Kendall Howard
1906-3-006-02 KENDALLHOWARD-1906-3-006-02 Datasheet
1Mb / 2P
4-POINT ADJUSTABLE SHELF
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com