Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

704.910.2. Datasheet(PDF) 1 Page - EAO AG.

Part # 704.910.2.
Description  Switching element
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

704.910.2. Datasheet(HTML) 1 Page - EAO AG.

  704.910.2. Datasheet HTML 1Page - EAO AG. 704.910.2. Datasheet HTML 2Page - EAO AG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
704.910.2 - Switching element
704.910.2 - Switching element
Attention: The preview is based on a sample product. This can
differ from your current configuration.
Other Attributes
Weight
0,021 kg
Connection Method
Terminal
Screw terminal
Switching element
Switching voltage
500 V AC
Switching current
10 A
Switching system
Slow-make switching element
Contact material
Silver
Contacts
1 NC
Stand: 18.08.2017


Similar Part No. - 704.910.2.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
704.910.2 EAO-704.910.2 Datasheet
5Mb / 85P
Switches and Indicators
01.2002
704.910.2 EAO-704.910.2 Datasheet
14Mb / 21P
22.5 mm 30.5 mm IP65 10 A 500 VAC
704.910.2 EAO-704.910.2 Datasheet
3Mb / 130P
Devices raised mounting
07.2010
More results

Similar Description - 704.910.2.

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5372 PMC-PM5372 Datasheet
59Kb / 2P
40 Gbit/s Transport Switching Element
logo
Sony Corporation
DM-232 SONY-DM-232 Datasheet
96Kb / 5P
Magnetoresistance Element
logo
Diodes Incorporated
MMBD4148PLM DIODES-MMBD4148PLM Datasheet
123Kb / 3P
FIVE ELEMENT COMMON CATHODE SWITCHING DIODE ARRAY
DS31437 Rev. 6 - 2
logo
Kingtronics Internation...
RKT-3540S KINGTRONICS-RKT-3540S Datasheet
370Kb / 1P
WIREWOUND ELEMENT
logo
Diodes Incorporated
MMBD4148PLM DIODES-MMBD4148PLM_15 Datasheet
123Kb / 3P
FIVE ELEMENT COMMON CATHODE SWITCHING DIODE ARRAY
Rev erse
logo
Littelfuse
FLNR LITTELFUSE-FLNR_16 Datasheet
162Kb / 2P
Dual Element
logo
CUI INC
CPT-2064-L100 CUI-CPT-2064-L100 Datasheet
349Kb / 4P
PIEZO ELEMENT
CPT-2065-L100 CUI-CPT-2065-L100 Datasheet
307Kb / 4P
PIEZO ELEMENT
CPT-2745-L100 CUI-CPT-2745-L100 Datasheet
365Kb / 4P
PIEZO ELEMENT
logo
Festo Corporation.
192968 FESTO-192968 Datasheet
76Kb / 1P
Stop element
12/4/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com