Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1590LLBF.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1590LLBF..
Description  Na tura l F inish Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590LLBF.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590LLBF.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N a tu ra l Fi n i sh En closure
15 90L LB F
B lack T extu red En cl o su re
159 0L LB F B K
N a tu ra l Fi n i sh En closure
15 90W LL B F
B lack T extu red En cl o su re
159 0W LL B F B K
Sta i n le ss Ste e l C o ve r Sc re w s (P k g 10 0)
[6-32 x 1/2" W i th O -R i n g ]
159 0W M S 10 0
B la ck Sta i n le ss Ste e l C o ve r Sc re w s (P k g 10 0)
[6-32 x 1/2" W i th O -R i n g ]
1590W M S 100B K
P la te d C o ve r S c re w s (P k g 10 0)
[6-32 x 1/2"]
15 90 M S 10 0
B la ck C o ve r S c re w s (P k g 10 0)
[6-32 x 1/2"]
15 90 M S 100 B K
ACCES S O RIES
R e co m me nde d T o rq ue : 75 oz f.in / 55 cN .m
S tan d ar d Co ver S cre w s
Liqu id R e sistan t C o v e r S cre ws
NO T E
P urc has e d as s em b ly inc ludes box , lid and 4 c o ver s c rew s .
B ox a nd lid are m a de fro m D iec as t A lum inu m A llo y .
S ilic o ne G as k et s u pp lied w it h liquid res is ta nt en c lo s u re.
B ottom F lang e is W eld ed .
P A RT NUM BE RS
15 90 L L B F En clo su re
1 59 0LLB F Liquid R e sista n t En cl o su re (S il icone G a sk e t)
1
1
2
2
A
A
B
B
B
B
A
A
1590LLBF
Dimensions:
mm
[inches]
Top View of Assembly
SECTION A-A
End View of Assembly
SECTION B-B
Side View of Assembly
Top View Looking Inside Box
Lid
Cover Screw
Lid
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
25.40
[1.000]
(Center Distance)
78.99
[3.110]
3.96
[.156]
9.58
[.377]
36.88
[1.452]
21.00
[.827]
(Inner Box Height)
1.50
[.059]
67.71
[2.666]
Flanged Box
Lid
3.90
[.154]
1.40
[.055]
42.70
[1.681]
42.70
[1.681]
50.50
[1.988]
50.50
[1.988]
2.00
[.079]
6.00
[.236]
1.95
[.077]
(Wall Thickness)
40.50
[1.594]
50.50
[1.988]
50.50
[1.988]
26.50
[1.043]
45.63
[1.796]
(Inner Box Width)
19.00
[.748]
(Inner Wall Height)
45.63
[1.796]
(Inner Box Length)
Lid
33.70
[1.327]
46.60
[1.835]
46.60
[1.835]
33.70
[1.327]
6-32 UNC
 3.90  2.60
(Threaded Holes)
Flanged Box


Similar Part No. - 1590LLBF..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590LLBF HAMMOND-1590LLBF Datasheet
347Kb / 10P
Die-Cast Aluminum
1590LLBFBK HAMMOND-1590LLBFBK Datasheet
347Kb / 10P
Die-Cast Aluminum
1590LLBFL HAMMOND-1590LLBFL Datasheet
251Kb / 1P
Na tura l F inish Enclosure
1590LLBFL HAMMOND-1590LLBFL Datasheet
347Kb / 10P
Die-Cast Aluminum
1590LLBFL. HAMMOND-1590LLBFL. Datasheet
251Kb / 1P
Na tura l F inish Enclosure
More results

Similar Description - 1590LLBF..

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA03F ETC-TA03F Datasheet
35Kb / 1P
TO-220, MOLDED, 3LEAD, AUTO L/F
logo
Axiomtek Co., Ltd.
AX93300 AXIOMTEK-AX93300 Datasheet
107Kb / 1P
Suitable for NA-100
logo
E-Tech Electronics LTD
G177 ETL-G177 Datasheet
156Kb / 5P
S i n g l e O u t p u t H a l l E f f e c t L a t c h I C
logo
Texas Instruments
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
75-nA Battery Leakage
logo
PHOENIX CONTACT
2702226 PHOENIX-2702226 Datasheet
116Kb / 7P
LED enclosure light - PLD E 608 W 315/F
logo
SHIKUES Electronics
SD101AW SKTECHNOLGY-SD101AW Datasheet
515Kb / 2P
L w F RWARD V ltage DR.p
logo
PHOENIX CONTACT
1319564 PHOENIX-1319564 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 F
Nov 16, 2022
logo
Molex Electronics Ltd.
2149201225 MOLEX-2149201225 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG RD F-F L=450 Sn
2019/12/30
2149201211 MOLEX-2149201211 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG BK F-F L=75 Sn
2019/12/30
2149201214 MOLEX-2149201214 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG BK F-F L=300 Sn
2019/12/30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com