Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTMT Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # HTMT
Description  Cable Tie Installation Tools
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

HTMT Datasheet(HTML) 2 Page - PANDUIT CORP.

  HTMT Datasheet HTML 1Page - PANDUIT CORP. HTMT Datasheet HTML 2Page - PANDUIT CORP. HTMT Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Bulletin Number WW-CTCB17 7/2006
PANDUIT leads the industry in providing the most preferred cable tie installation tools for their
complete line of PANDUIT cable ties. Choosing the right installation tool increases
productivity and promotes worker safety. The GTS, GTSL and GTH tools are part of the
PANDUIT ergonomic series of hand-operated, tool-controlled tension, and cut-off cable tie
installation tools.
■ GTS Tool installs subminiature (8 lbs.) through standard (50 lbs.)
cross section cable ties
■ GTSL As above, but with shorter handle reach and stroke for users with smaller hands
■ GTH Tool installs standard (50 lbs.) through heavy (175 lbs.)
cross section cable ties
The ergonomic series of tools is excellent for low to medium volume applications (under
50,000 ties/year)
GTSL as above, but with shorter handle reach and stroke for smaller hands, weight: 8.8oz.
(249g)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com