Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SERCON816 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SERCON816
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON816 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SERCON816 Datasheet HTML 15Page - STMicroelectronics SERCON816 Datasheet HTML 16Page - STMicroelectronics SERCON816 Datasheet HTML 17Page - STMicroelectronics SERCON816 Datasheet HTML 18Page - STMicroelectronics SERCON816 Datasheet HTML 19Page - STMicroelectronics SERCON816 Datasheet HTML 20Page - STMicroelectronics SERCON816 Datasheet HTML 21Page - STMicroelectronics SERCON816 Datasheet HTML 22Page - STMicroelectronics SERCON816 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
SERCON816
5
ADDITIONAL SPECIFICATIONS, TOOLS AND SUPPORT
5.1 Additional Specifications
Reference Manual SERCON816
The reference manual (160 pages) for the SERCON816 Asic contains a complete and very detailed spec-
ification of the SERCON816 Asic, including a description of the pinning of the controller, microprocessor
interface, serial interface, telegram processing, master and slave modes, additional modes, control and
RAM data structures, programming examples, electrical and mechanical characteristics of the chip, differ-
ences between SERCON816 and SERCON410B controller.
SERCOS interface specification
The SERCOS interface specification (IEC/EN 61491) contains a detailed description of the transfer medi-
um and physical layer, data transfer and data link layer, protocol structure and data contents, communi-
cation phases, functional handling and error handling, list and description of identifier numbers.
I/O functions are described in a separate document.
5.2 Hardware and Software Components
Master and slave routines (driver software) for the SERCON816 controller are available from several sup-
pliers world-wide. Furthermore different boards for a wide range of computer interfaces are offered, includ-
ing ISA-, VME-, PCI- and PC/104 bus systems.
5.3 Tools
Different development and testing tools are available for SERCOS interface.
These tools include bus monitors, configuration and simulation tools, as well as tools for conformance test-
ing.
For all specification and additional application notes please contact:
Interests Group SERCOS interface e. V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com