Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD8250 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD8250
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD8250 Datasheet(HTML) 4 Page - STMicroelectronics

  SD8250 Datasheet HTML 1Page - STMicroelectronics SD8250 Datasheet HTML 2Page - STMicroelectronics SD8250 Datasheet HTML 3Page - STMicroelectronics SD8250 Datasheet HTML 4Page - STMicroelectronics SD8250 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
All dimensions are in inches.
Substrate material: .025 thick AI2O3
C1
: 100
µF Electrolytic Capacitor, 63V
C2
: .1
µF Ceramic Capacitor
C3
: Feedthru Bypass SCI 712-022
C4
: Johanson 7475 Gigatrim .6 — 4.5 pF
C5
: Johanson 7475 Gigatrim .6 — 4.5 pF
C6
: D.C. Block 100 pF
L1
: #26 Wire, 4 Turn .062 I.D.
L2
: #26 Wire, 4 Turn .062 I.D.
TEST CIRCUIT
SD8250
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com