Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK2FIF Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FK2FIF
Description  FAKRA Code I Beige Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FK2FIF Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FK2FIF Datasheet HTML 1Page - Taoglas antenna solutions FK2FIF Datasheet HTML 2Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPE-24-8-144 - A
taoglas.com
FAKRA Code I Beige Connector
FAKRA Gen 2 – Code I for RG-174, RG-316, TGC/CFD-200, TGC-302, TGC-1.5DS cables
Product description
Taoglas is a leading provider of advanced technology for a smarter world. Our solutions include advanced
components and technologies and help OEMs, enterprises, and communities to resolve the complexities
of bringing digital transformation solutions to market quickly and cost effectively. Focused on best-in-class,
high-performance antenna and RF design with advanced positioning, imaging, audio and artificial intelligence
technologies, Taoglas understands the importance of high-performance connections.
Taoglas GEN.2 FAKRA connectors utilize a metal SMB connector embedded within a plastic enclosure that is
colour coded and keyed for ease of identification and assembly. They have been designed with a swivel style
housing for ease of installation. They are designed for high-volume production, automated harness assembly
and provide superior performance. They are manufactured with the highest precision and are thoroughly
tested to meet USCAR-2 and USCAR-17 standards. All Taoglas connectors are RoHS & REACH compliant.
TheBeigeCodeIconnectoristypicallyusedforWi-Ficonnectionsandisavailable formultiplecablediameters.
Specifications
Electrical
Impedance
50Ω Nominal
Frequency Range
DC - 6000MHz
VSWR (Return Loss)
0 ~ 3000MHz < 1.3
3000 ~ 6000MHz < 1.5
D.W.V
800 VRMS, Min
Insulation Resistance
≥100MΩ
Mechanical
Durability
25 Cycles Min
Insertion Force
≤25N
Withdraw Force
≥2N
Locking Device Strength
≥80N
Outer Contact Rentention Force in Housing
≥100N
Suitable Cables
RG-174, RG-316, TGC/CFD200, TGC-302, TGC-1.5DS
Storage and Opeartional Tempeature Range
-40°C - 105°C
Features
• Optimizedforautomated
manufacturing
• FullSeriesofcoloursavailable
• RFperformanceupto 6GHz
• PrimaryandSecondaryLocks
• Tulipcontact/anti-stubbing
• Housinginnerring/anti-scooping
• FullycomplianttoUSCAR
requirements


Similar Part No. - FK2FIF

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FK2FCDK TAOGLAS-FK2FCDK Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FCF TAOGLAS-FK2FCF Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FCG TAOGLAS-FK2FCG Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FCVV TAOGLAS-FK2FCVV Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FDDK TAOGLAS-FK2FDDK Datasheet
663Kb / 2P
FAKRA Code D Bordeaux Violet
More results

Similar Description - FK2FIF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734041088 MOLEX11-0734041088 Datasheet
67Kb / 1P
50 Ohms, FAKRA/SMB Straight Plug Crimp RG-178 and RF-196 Cable Code I/Beige
0734152918 MOLEX11-0734152918 Datasheet
56Kb / 1P
50 Ohms, FAKRA/SMB Straight Plug Crimp RG-174, RG-188 and RG-316 Cable - Code I / Beige
0734035768 MOLEX1-0734035768_18 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Keying Option I, Beige
0734035748 MOLEX-0734035748_V01 Datasheet
33Kb / 1P
50 Ohms, FAKRA SMB Plug, Keying Option I, Beige
0734035768 MOLEX-0734035768_V01 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Keying Option I, Beige
0734036268 MOLEX-0734036268_V01 Datasheet
33Kb / 1P
50 Ohms, FAKRA SMB Plug, Keying Option I, Beige
0734036928 MOLEX-0734036928 Datasheet
32Kb / 1P
50 Ohms, FAKRA Plug, Straight, for RG-316 and RG-174 Cable, Keying Code I, Beige
0734037238 MOLEX-0734037238 Datasheet
41Kb / 1P
50 Ohms, FAKRA Plug, Straight, for RG-58 Cable, Keying Code I, Beige
0734040818 MOLEX-0734040818_V01 Datasheet
40Kb / 1P
50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code I/Beige
0734041088 MOLEX-0734041088_V01 Datasheet
56Kb / 1P
50 Ohms, FAKRA/SMB Straight Plug Crimp RG-178 and RF-196 Cable Code I/Beige
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com