Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK2FDF Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FK2FDF
Description  FAKRA Code D Bordeaux Violet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FK2FDF Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FK2FDF Datasheet HTML 1Page - Taoglas antenna solutions FK2FDF Datasheet HTML 2Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPE-24-8-143 - A
taoglas.com
FAKRA Code D Bordeaux Violet
FAKRA Gen 2 – Code D for RG-174, RG-316, TGC/CFD-200, TGC-302/RTK031, TGC-1.5DS cables
Product description
Taoglas is a leading provider of advanced technology for a smarter world. Our solutions include advanced
components and technologies and help OEMs, enterprises, and communities to resolve the complexities
of bringing digital transformation solutions to market quickly and cost effectively. Focused on best-in-class,
high-performance antenna and RF design with advanced positioning, imaging, audio and artificial intelligence
technologies, Taoglas understands the importance of high-performance connections.
Taoglas GEN.2 FAKRA connectors utilize a metal SMB connector embedded within a plastic enclosure that is
colour coded and keyed for ease of identification and assembly. They have been designed with a swivel style
housing for ease of installation. They are designed for high-volume production, automated harness assembly
and provide superior performance. They are manufactured with the highest precision and are thoroughly
tested to meet USCAR-2 and USCAR-17 standards. All Taoglas connectors are RoHS & REACH compliant.
The Bordeaux Violet Code D connector is typically used for Cellular connections and is available for multiple
cable diameters.
Specifications
Electrical
Impedance
50Ω Nominal
Frequency Range
DC - 6000MHz
VSWR (Return Loss)
0 ~ 3000MHz < 1.3
3000 ~ 6000MHz < 1.5
D.W.V
800 VRMS, Min
Insulation Resistance
≥100MΩ
Mechanical
Durability
25 Cycles Min
Insertion Force
≤25N
Withdraw Force
≥2N
Locking Device Strength
≥80N
Outer Contact Rentention Force in Housing
≥100N
Suitable Cables
RG-174, RG-316, TGC/CFD200, TGC-302/RTK031, TGC-1.5DS
Storage and Opeartional Tempeature Range
-40°C - 105°C
Features
• Optimizedforautomated
manufacturing
• FullSeriesofcoloursavailable
• RFperformanceupto 6GHz
• PrimaryandSecondaryLocks
• Tulipcontact/anti-stubbing
• Housinginnerring/anti-scooping
• FullycomplianttoUSCAR
requirements


Similar Part No. - FK2FDF

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FK2FCDK TAOGLAS-FK2FCDK Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FCF TAOGLAS-FK2FCF Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FCG TAOGLAS-FK2FCG Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FCVV TAOGLAS-FK2FCVV Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FIDK TAOGLAS-FK2FIDK Datasheet
609Kb / 2P
FAKRA Code I Beige Connector
More results

Similar Description - FK2FDF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73404-2643 MOLEX11-73404-2643 Datasheet
39Kb / 1P
50 Ohms, FAKRA/SMB Right-Angle Jack, Code D/Bordeaux Violet
0734035763 MOLEX11-0734035763 Datasheet
43Kb / 1P
50 Ohms, FAKRA II SMB Jack, Keying Option D, Bordeaux Violet
0734042643 MOLEX11-0734042643 Datasheet
56Kb / 1P
50 Ohms, FAKRA/SMB Right-Angle Jack, Code D/Bordeaux Violet
0734035763 MOLEX1-0734035763_18 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Keying Option D, Bordeaux Violet
0734035743 MOLEX-0734035743_V01 Datasheet
33Kb / 1P
50 Ohms, FAKRA SMB Plug, Keying Option D, Bordeaux Violet
0734035763 MOLEX-0734035763_V01 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Keying Option D, Bordeaux Violet
0734036263 MOLEX-0734036263_V01 Datasheet
33Kb / 1P
50 Ohms, FAKRA SMB Plug, Keying Option D, Bordeaux Violet
0734037233 MOLEX-0734037233 Datasheet
41Kb / 1P
50 Ohms, FAKRA Plug, Straight, for RG-58 Cable, Keying Code D, Bordeaux Violet
0734040813 MOLEX-0734040813_V01 Datasheet
40Kb / 1P
50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code D/Bordeaux Violet
0734042643 MOLEX-0734042643_V01 Datasheet
49Kb / 1P
50 Ohms, FAKRA/SMB Right-Angle Jack, Code D/Bordeaux Violet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com