Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP-6-SSPF Datasheet(PDF) 1 Page - Labfacility Ltd

Part # FMP-6-SSPF
Description  Connector Panel Face-plates – Type SSPF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FMP-6-SSPF Datasheet(HTML) 1 Page - Labfacility Ltd

  FMP-6-SSPF Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ENGLISH
Datasheet
Connector Panel Face-plates – Type SSPF - Face Plate panels to suit
miniature and standard SSPF panel mount sockets with stainless steel mounting bracket
Miniature SSPF Panel (12 way shown):
suitable with Miniature SSPF Panel Sockets (not included):
Standard SSPF Panel (4 way shown):
suitable with Standard SSPF Panel Sockets (not included):
• Anodised Aluminium Face-plates
• Suitable with miniature & standard fascia panel mounting thermocouple sockets supplied with stainless
steel mounting bracket
• Etch matt & satin anodised finish
• Both miniature & standard size panels available in 2, 4, 6 & 12 way options
• All panel types have 4 x 3.2mm fixing holes, positioned 5mm centre line from corners edges
Panel Size
No. of
Width
Height
Thickness
order
rows/holes
code
Miniature
2 way
1 x 2
55mm
45mm
2mm
XF-1749-FAR
4 way
1 x 4
85mm
45mm
2mm
XF-1746-FAR
6 way
1 x 6
115mm
45mm
2mm
XF-1748-FAR
12 way
1 x 12
205mm
45mm
2mm
XF-1747-FAR
Standard
2 way
1 x 2
69mm
66mm
2.5mm
XF-1757-FAR
4 way
1 x 4
107mm
66mm
2.5mm
XF-1755-FAR
6 way
1 x 6
145mm
66mm
2.5mm
XF-1756-FAR
12 way
1 x 12
259mm
66mm
2.5mm
XF-1758-FAR


Similar Part No. - FMP-6-SSPF

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
FMP-6 LABFACILITY-FMP-6 Datasheet
968Kb / 2P
Miniature Panel Sockets
FMP-6 LABFACILITY-FMP-6 Datasheet
534Kb / 1P
Connector Panels for Panel Mounting Thermocouple Panel Sockets
More results

Similar Description - FMP-6-SSPF

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2644246201 FAIR-RITE-2644246201 Datasheet
596Kb / 2P
Connector EMI Suppression Plates
2644245701 FAIR-RITE-2644245701 Datasheet
596Kb / 2P
Connector EMI Suppression Plates
2644236601 FAIR-RITE-2644236601 Datasheet
598Kb / 2P
Connector EMI Suppression Plates
2644236501 FAIR-RITE-2644236501 Datasheet
598Kb / 2P
Connector EMI Suppression Plates
2644236401 FAIR-RITE-2644236401 Datasheet
597Kb / 2P
Connector EMI Suppression Plates
2644236301 FAIR-RITE-2644236301 Datasheet
599Kb / 2P
Connector EMI Suppression Plates
2644236101 FAIR-RITE-2644236101 Datasheet
598Kb / 2P
Connector EMI Suppression Plates
2644373841 FAIR-RITE-2644373841 Datasheet
597Kb / 2P
Connector EMI Suppression Plates
2644247101 FAIR-RITE-2644247101 Datasheet
599Kb / 2P
Connector EMI Suppression Plates
2644247001 FAIR-RITE-2644247001 Datasheet
595Kb / 2P
Connector EMI Suppression Plates
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com