Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

156-05903 Datasheet(PDF) 1 Page - HellermannTyton.

Part # 156-05903
Description  Fixing products for edges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

156-05903 Datasheet(HTML) 1 Page - HellermannTyton.

  156-05903 Datasheet HTML 1Page - HellermannTyton. 156-05903 Datasheet HTML 2Page - HellermannTyton. 156-05903 Datasheet HTML 3Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
195
1.13
Add items to your watchlist!
www.HT.click/9-195?q=2
Cable Ties and Fixings
Fixing products for edges
These cable ties and EdgeClip assemblies are ideal for use where holes
are not acceptable or where due to temperature problems adhesives
will fail. These assemblies are widely used for fixing and bundling cables,
pipes and hoses within the automotive industry, harness making, panel
building and electrical industry.
Features and benefits
• Pre-assembled 2-piece fixing tie with EdgeClip
• Cable tie head can be moved after bundling
• EC9, EC10, EC21 and EC22 are for minimum bundle diameters of 1 mm
• For edges of 1 - 3 mm
2-piece fixing ties for edges
T50ROSEC10 fitted onto a plastic panel to hold a Ø 6 mm harness.
EdgeClip-Series, 1.0 - 3.0 mm, top fixing
Fixing Tie with EC4
L
TYPE
Drawing
Width
(W)
Length
(L)
Bundle Ø
max.
Material
Colour
Tools
Article-No.
T30REC4A
3.6
148.0
33.0
135
PA66HS, PA66HIRHS
Black (BK)
2;5-6
150-76090
T50SOSEC4A
4.6
150.0
35.0
225
PA66HS, PA66HIRHS
Black (BK)
2-3;5-6;8;10
150-76093
T50ROSEC4A
4.6
200.0
45.0
225
PA66HS, PA66HIRHS
Black (BK)
2-3;5-6;8;10
150-76099
4.6
200.0
45.0
225
PA66W
Black (BK)
2-3;5-6;8;10
156-00570
T50REC4A
4.6
202.0
45.0
225
PA66HS, PA66HIRHS
Black (BK)
2-3;5-6;8;10
150-76091
Q50REC4A
4.7
210.0
45.0
220
PA66W
Black (BK)
2-3;5-6;8;10
156-01085
T30REC4B
3.6
148.0
35.0
135
PA66HS, PA66HIRHS
Black (BK)
2;5-6;8
150-76080
T50SOSEC4B
4.6
150.0
35.0
225
PA66HS, PA66HIRHS
Black (BK)
2-3;5-6;8;10
156-00109
T50ROSEC4B
4.6
200.0
45.0
225
PA66HS, PA66HIRHS
Black (BK)
2-3;5-6;8;10
150-76079
Q50REC4B
4.7
210.0
45.0
220
PA66W
Black (BK)
2-3;5-6;8;10
156-01086
T18REC10SD
2.5
100.0
22.0
80
PA66HS, PA66HIRHS
Black (BK)
2;5-6;8
155-38304
T50SOSEC10
4.6
150.0
31.0
225
PA66HS, PA66HIRHS
Black (BK)
2-3;5-6;8;10
156-00015
T50ROSEC10
4.6
200.0
45.0
225
PA66HS, PA66HIRHS
Black (BK)
2-3;5-6;8;10
156-05904
T18REC9SD
2.5
100.0
22.0
80
PA66HS, PA66HIRHS
Black (BK)
2;5-6;8
155-37104
T50SOSEC9SD
4.6
150.0
31.0
225
PA66HS, PA66HIRHS
Black (BK)
2-3;5-6;8;10
156-00019
T50ROSEC9
4.6
200.0
45.0
225
PA66HS, PA66HIRHS
Black (BK)
2-3;5-6;8;10
156-05903
T50REC9
4.6
202.0
45.0
225
PA66HS, PA66HIRHS
Black (BK)
-
156-01280
All dimensions in mm. Subject to technical changes.
Material specification
please see page 26.
Recommended Tools
2
3
5
6
8
10
MK20
MK21
MK3PNSP2
EVO7
MK7P
EVO9
549
549
550
552
554
553
For more information on toolings please refer to the Application Tooling chapter.


Similar Part No. - 156-05903

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
156-05903 HELLERMANNTYTON-156-05903 Datasheet
439Kb / 3P
Cable Ties With Fixing Elements
More results

Similar Description - 156-05903

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-E0110S05 ALLEN-BRADLEY-440F-E0110S05 Datasheet
190Kb / 9P
Safety Edges
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
Safety Edges
logo
Kyocera Kinseki Corpota...
CX1612SB KSS-CX1612SB Datasheet
583Kb / 1P
1.6횞1.2mm for Consumer Products
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
2.0횞1.6mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
2.5횞2.0mm for Consumer Products
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
3.2횞2.5mm for Consumer Products
logo
Tyco Electronics
1734300-1 MACOM-1734300-1 Datasheet
7Mb / 116P
Products for Mobile Equipment
logo
Ohmite Mfg. Co.
SINK-CP4 OHMITE-SINK-CP4 Datasheet
436Kb / 2P
Designed for Ohmite products
logo
Schneider Electric
ZB5AZ009 SCHNEIDER-ZB5AZ009 Datasheet
71Kb / 3P
body fixing collar for electrical block
26/12/2011
XGSZ3P SCHNEIDER-XGSZ3P Datasheet
96Kb / 3P
fixing plate - for RFID connection box
NOV 30, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com