Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

156-05904 Datasheet(PDF) 1 Page - HellermannTyton.

Part # 156-05904
Description  Cable Ties With Fixing Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

156-05904 Datasheet(HTML) 1 Page - HellermannTyton.

  156-05904 Datasheet HTML 1Page - HellermannTyton. 156-05904 Datasheet HTML 2Page - HellermannTyton. 156-05904 Datasheet HTML 3Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.6
120
Further information at www.HellermannTyton.com/fixings
Cable Ties and Fixings
Cable Ties With Fixing Elements
These cable ties and EdgeClip assemblies are ideal for use where holes
are not acceptable or where due to temperature problems adhesives
will fail. These assemblies are widely used for fixing and bundling cables,
pipes and hoses within the automotive industry, harness making, panel
buidling and electrical industry.
Features and Benefits
• Pre-assembled 2-piece fixing tie with EdgeClip
• Cable tie head can be moved after bundling
• EC9, EC10, EC21 and EC22 are for minimum bundle diameters of 1 mm
• For edges of 1 – 3 mm
2-Piece Fixing Ties for Edges, 1.0 - 3.0 mm,
Top Fixing
EdgeClip-Family
Fixing Tie with EC4
L
Material specification
please see page 24.
T50ROSEC10 fitted onto a plastic panel to hold a Ø 6 mm harness.
TYPE
Drawing
Width
(W)
Length
(L)
Bundle
Ø max.
Material
Cable Tie
Material
Foot Part
Colour
Tools
Article-No.
T30REC4A
3.6
148.0
33.0
135
PA66HS
PA66HIRHS
Black (BK)
2;4-6
150-76090
T50SOSEC4A
4.6
150.0
35.0
225
PA66HS
PA66HIRHS
Black (BK)
2-10
150-76093
T50ROSEC4A
4.6
200.0
45.0
225
PA66HS
PA66HIRHS
Black (BK)
2-10
150-76099
T50ROSEC4A-W
4.6
200.0
45.0
225
PA66W
PA66W
Black (BK)
2-10
156-00570
T50REC4A
4.6
202.0
45.0
225
PA66HS
PA66HIRHS
Black (BK)
2-10
150-76091
T30REC4B
3.6
148.0
35.0
135
PA66HS
PA66HIRHS
Black (BK)
2;4-6
150-76080
T50SOSEC4B
4.6
150.0
35.0
225
PA66HS
PA66HIRHS
Black (BK)
2-10
156-00109
T50ROSEC4B
4.6
200.0
45.0
225
PA66HS
PA66HIRHS
Black (BK)
2-10
150-76079
T18REC10SD
2.5
100.0
22.0
80
PA66HS
PA66HIRHS
Black (BK)
2;4-6
155-38304
T50SOSEC10
4.6
150.0
31.0
225
PA66HS
PA66HIRHS
Black (BK)
2-10
156-00015
T50ROSEC10
4.6
200.0
45.0
225
PA66HS
PA66HIRHS
Black (BK)
2-10
156-05904
T18REC9SD
2.5
100.0
22.0
80
PA66HS
PA66HIRHS
Black (BK)
2;4-6
155-37104
T50SOSEC9SD
4.6
150.0
31.0
225
PA66HS
PA66HIRHS
Black (BK)
2-10
156-00019
T50ROSEC9
4.6
200.0
45.0
225
PA66HS
PA66HIRHS
Black (BK)
2-10
156-05903
T50REC9SD
4.6
200.0
45.0
225
PA66HS
PA66HIRHS
Black (BK)
2-10
156-01280
Q50REC4A
4.7
210.0
45.0
220
PA66W
PA66W
Black (BK)
2-10
156-01085
Q50REC4B
4.7
210.0
45.0
220
PA66W
PA66W
Black (BK)
2-10
156-01086
All dimensions in mm. Subject to technical changes.


Similar Part No. - 156-05904

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
156-05904 HELLERMANNTYTON-156-05904 Datasheet
179Kb / 3P
Fixing products for edges
More results

Similar Description - 156-05904

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TY28MX ETC2-TY28MX Datasheet
66Kb / 1P
Premium cable ties with steel locking barb Standard ties
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com