Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHDMM2MPW Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # RHDMM2MPW
Description  6ft (2m) Premium Certified HDMI 2.0 Cable with Ethernet - Durable High Speed UHD 4K 60Hz HDR - Rugged M/M HDMI Cord with Aramid Fiber - TPE - Ultra HD Monitors, TVs & Displays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RHDMM2MPW Datasheet(HTML) 3 Page - StarTech.com Ltd.

  RHDMM2MPW Datasheet HTML 1Page - StarTech.com Ltd. RHDMM2MPW Datasheet HTML 2Page - StarTech.com Ltd. RHDMM2MPW Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1 - HDMI (19 pin)
Physical
Characteristics
Color
White
Connector Style
Straight
Wire Gauge
30 AWG
Cable Length
6.6 ft [2 m]
Product Length
6.6 ft [2.0 m]
Product Width
0.7 in [1.7 cm]
Product Height
0.3 in [7.7 mm]
Weight of Product
1.8 oz [52.0 g]
Packaging
Information
Package Quantity
1
Package Length
5.9 in [15.0 cm]
Package Width
7.2 in [18.2 cm]
Package Height
0.8 in [2.0 cm]
Shipping (Package)
Weight
3.6 oz [103.0 g]
What's in the Box
Included in Package
1 - HDMI Cable
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com