Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM-K-FS Datasheet(PDF) 1 Page - Labfacility Ltd

Part # AM-K-FS
Description  Miniature Thermocouple Connector In-Line Socket AM-K-FS Type K ANSI (Pack of 5)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

AM-K-FS Datasheet(HTML) 1 Page - Labfacility Ltd

  AM-K-FS Datasheet HTML 1Page - Labfacility Ltd AM-K-FS Datasheet HTML 2Page - Labfacility Ltd AM-K-FS Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Miniature Thermocouple Connector In-Line
Socket AM-K-FS Type K ANSI (Pack of 5)
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Similar Part No. - AM-K-FS

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
AM-K-FS LABFACILITY-AM-K-FS Datasheet
738Kb / 3P
Miniature Thermocouple Connector In-Line Socket AM-K-FS Type K ANSI
Dec-23
More results

Similar Description - AM-K-FS

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
351 FILTRONIC-351 Datasheet
203Kb / 1P
MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
API Technologies Corp
351 APITECH-351 Datasheet
145Kb / 1P
ROTARY JOINT MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
Adels-Contact
121605 ADELS-121605 Datasheet
118Kb / 2P
230 K/ 5
121645 ADELS-121645 Datasheet
112Kb / 2P
230 K/ 5 HT
125605 ADELS-125605 Datasheet
119Kb / 2P
1000 K/ 5
128605 ADELS-128605 Datasheet
120Kb / 2P
2000 K/ 5
logo
WAGO Kontakttechnik Gmb...
750-469-003-000 WAGO-750-469-003-000 Datasheet
462Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
753-469 WAGO-753-469 Datasheet
585Kb / 11P
2-channel analog input; Thermocouple K; Diagnostics
753-469-003-000 WAGO-753-469-003-000 Datasheet
472Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
logo
Maxim Integrated Produc...
MAX31855EVKIT MAXIM-MAX31855EVKIT Datasheet
918Kb / 12P
Includes Everything Needed to Evaluate a K-Type Thermocouple
19-6072; Rev 0; 10/11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com