Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6PATCH100BL Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # N6PATCH100BL
Description  100ft CAT6 Ethernet Cable - Blue CAT 6 Gigabit Ethernet Wire -650MHz 100W PoE RJ45 UTP Network/Patch Cord Snagless w/Strain Relief Fluke Tested/Wiring is UL Certified/TIA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

N6PATCH100BL Datasheet(HTML) 2 Page - StarTech.com Ltd.

  N6PATCH100BL Datasheet HTML 1Page - StarTech.com Ltd. N6PATCH100BL Datasheet HTML 2Page - StarTech.com Ltd. N6PATCH100BL Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applications
• Designed for use with Gigabit networks
• Patches from hub to distribution panel
• Connects workstation to wall outlet
• Extend the reach of your Gigabit network devices by 100 ft
Features
• High quality 24 AWG copper wire
• ETL Verified
• HIGH PERFORMANCE CAT6 ETHERNET CABLE: 100% copper for error-free Multi Gigabit 1/2.5/5Gbps
connections; 10Gbps up to 160'; Fluke patch cord tested to comply w/ANSI/TIA-568-2.D Category 6; ETL Verified
• POE SUPPORT: 24 AWG stranded copper conductors & UL Rated Wiring (E132276-A) supports up to 100W for
PoE devices like VOIP phone & security systems; IEEE 802.3bt & DTE power compliance reduces cable heating
• QUALITY CONSTRUCTION: ETL & UL certified wire; 50-micron gold-plated connectors prevent rust/corrosion to
avoid costly network downtime; High quality PVC jacket resists bending or fraying damage
• EASY INSTALLATION: 100 foot snagless patch cord for easy installation & flexible disconnection in wiring conduits;
Compatible w/Cat5e & earlier standards; Molded boots available for constrained spaces
• SPECS: Length: 100ft (30.5m) Color: Blue 650 MHz Rated Structure: 4 Pair UTP RJ45 Jacket: PVC Wire
Gauge: 24 AWG Copper Wiring: ANSI/T568B ETL Verified Warranty: Lifetime
Hardware
Warranty
Lifetime
Number of Conductors
4 pair UTP
Cable Jacket Material
PVC - Polyvinyl Chloride
Fire Rating
CMG Rated (General Purpose)
Cable Type
Snagless
Wiring Standard
TIA/EIA-568-B.1-2001 T568B
Performance
Cable Rating
CAT6 - 650 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com