Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93S46-RDS3T Datasheet(PDF) 15 Page - STMicroelectronics

Part # M93S46-RDS3T
Description  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S46-RDS3T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M93S46-RDS3T Datasheet HTML 11Page - STMicroelectronics M93S46-RDS3T Datasheet HTML 12Page - STMicroelectronics M93S46-RDS3T Datasheet HTML 13Page - STMicroelectronics M93S46-RDS3T Datasheet HTML 14Page - STMicroelectronics M93S46-RDS3T Datasheet HTML 15Page - STMicroelectronics M93S46-RDS3T Datasheet HTML 16Page - STMicroelectronics M93S46-RDS3T Datasheet HTML 17Page - STMicroelectronics M93S46-RDS3T Datasheet HTML 18Page - STMicroelectronics M93S46-RDS3T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
15/34
M93S66, M93S56, M93S46
ing the Protection Register Write (PRWRITE) in-
struction. When the OTP bit is set, the Ready/Busy
status cannot appear on Serial Data Output (Q).
When the OTP bit is not set, the Busy status ap-
pears on Serial Data Output (Q).
Note: A Protection Register Enable (PREN) in-
struction must immediately precede the Protection
Register Disable (PRDS) instruction.
COMMON I/O OPERATION
Serial Data Output (Q) and Serial Data Input (D)
can be connected together, through a current lim-
iting resistor, to form a common, single-wire data
bus. Some precautions must be taken when oper-
ating the memory in this way, mostly to prevent a
short circuit current from flowing when the last ad-
dress bit (A0) clashes with the first data bit on Se-
rial Data Output (Q). Please see the application
note AN394 for details.
Figure 8. Write Sequence with One Clock Glitch
CLOCK PULSE COUNTER
In a noisy environment, the number of pulses re-
ceived on Serial Clock (C) may be greater than the
number delivered by the Bus Master (the micro-
controller). This can lead to a misalignment of the
instruction of one or more bits (as shown in Figure
8.) and may lead to the writing of erroneous data
at an erroneous address.
To combat this problem, the M93Sx6 has an on-
chip counter that counts the clock pulses from the
start bit until the falling edge of the Chip Select In-
put (S). If the number of clock pulses received is
not the number expected, the WRITE, PAWRITE,
WRALL, PRWRITE or PRCLEAR instruction is
aborted, and the contents of the memory are not
modified.
The number of clock cycles expected for each in-
struction, and for each member of the M93Sx6
family, are summarized in Table 2. to Table 3.. For
example, a Write Data to Memory (WRITE) in-
struction on the M93S56 (or M93S66) expects 27
clock cycles from the start bit to the falling edge of
Chip Select Input (S). That is:
1 Start bit
+ 2 Op-code bits
+ 8 Address bits
+ 16 Data bits
AI01395
S
An-1
C
D
WRITE
START
D0
"1"
"0"
An
Glitch
An-2
ADDRESS AND DATA
ARE SHIFTED BY ONE BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com