Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFM43 Datasheet(PDF) 2 Page - Pro-Signal

Part # TFM43
Description  External-driven Piezo Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

TFM43 Datasheet(HTML) 2 Page - Pro-Signal

  TFM43 Datasheet HTML 1Page - Pro-Signal TFM43 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
External-driven Piezo Transducer
TFM-59DA-1(DA-2)
FEATURES:
Super mini size
q
Low current consumption
q
High output
q
DIMENSIONS: (Unit: mm)
TFM59DA-1
d=Ø0.8
TFM-59DA-2
d=Ø0.7
CHARACTERISTICS:
ELECTRICAL SPECIFICATIONS :
Model No.
TFM-59DA-1
TFM-59DA-2
Min. Sound Pressure Level (dB)
70/4.0kHz/3VP-P Square
Wave /10cm
80/4.0kHz/12VP-P Square
Wave /10cm
Max. Consumption (mA)
3/4.0kHz/3VP-P Square Wave
6/4.0kHz/12VP-P Square Wave
Resonant Frequency (kHz)
4.0
0.5
Capacitance at 1000Hz (nF)
11
30%
Allowable Input Voltage (VP-P)
25
Operating Temperature (ºC)
-20 ~ +70
Weight (g)
1
Case Material/Colour
PC/Black
PACKING INFORMATION :
Packing :
5000 pcs per export carton
Carton Size :
47 X 30.5 X 25 cm
G. Weight :
6.5 kgs
N. Weight :
5 kgs
TFM-59D
TFM-59DA-1 3VP-P Square Wave /10cmTFM-59DA-2 12VP-P Square Wave /10cm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com