Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVC682-3M Datasheet(PDF) 1 Page - Pro-Signal

Part # SVC682-3M
Description  XLR Socket to Stereo Phone Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

SVC682-3M Datasheet(HTML) 1 Page - Pro-Signal

  SVC682-3M Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.2
25/05/17
XLR Socket to Stereo Phone Plug
Specifications:
Connector Type A
: XLR Socket, 3 Way
Connector Type B
: 6.35mm (1/4") Stereo Phone Plug
Jacket Colour
: Black
Dimensions : Millimetres
Part Number Table
Description
“L” Part Number
Microphone Cable
XLR Socket to Stereo Phone Plug
1m
SVC682-1M
3m
SVC682-3M
5m
SVC682-5M
10m SVC682-10M
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell Limited 2016.


Similar Part No. - SVC682-3M

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
SVC682-3M PROSIGNAL-SVC682-3M Datasheet
239Kb / 1P
XLR Plug to Stereo Phone Plug
V1.3 25/09/17
More results

Similar Description - SVC682-3M

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ASJ-5-X-AP-LM-HT ADAM-TECH-ASJ-5-X-AP-LM-HT Datasheet
120Kb / 1P
STEREO PHONE JACK
ASJ-37-X-N ADAM-TECH-ASJ-37-X-N Datasheet
101Kb / 1P
STEREO PHONE JACK
ASJ-63-3 ADAM-TECH-ASJ-63-3 Datasheet
109Kb / 1P
STEREO PHONE JACK
ASJ-72-3-HDW ADAM-TECH-ASJ-72-3-HDW Datasheet
80Kb / 1P
STEREO PHONE JACK
ASJ-104-J ADAM-TECH-ASJ-104-J Datasheet
83Kb / 1P
STEREO PHONE JACK
ASJ-107-X-TR ADAM-TECH-ASJ-107-X-TR Datasheet
85Kb / 1P
STEREO PHONE JACK
ASJ-108-X ADAM-TECH-ASJ-108-X Datasheet
91Kb / 1P
STEREO PHONE JACK
ASJ-129-X-SW-GRN ADAM-TECH-ASJ-129-X-SW-GRN Datasheet
81Kb / 1P
STEREO PHONE JACK
ASJ-134-4C ADAM-TECH-ASJ-134-4C Datasheet
76Kb / 1P
STEREO PHONE JACK
logo
Amphenol Corporation
55010850-000-1 AMPHENOL-55010850-000-1 Datasheet
104Kb / 1P
3.5mm STEREO PHONE PLUG CUSTOMER DRAWING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com