Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS311 Datasheet(PDF) 1 Page - Pro-Signal

Part # SS311
Description  Cable SCSI-III 68D To 68D, 1M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

SS311 Datasheet(HTML) 1 Page - Pro-Signal

  SS311 Datasheet HTML 1Page - Pro-Signal SS311 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
11/09/12
Cable
SCSI-III 68D To 68D, 1M
Specifications:
Connector Type A
: 68 Way D Plug Half Pitch
Connector Type B
: 68 Way D Plug Half Pitch
Cable Assembly Type
: Computer Cables
Jacket Colour
: Beige
No. of Ways
: 68
Dimensions : Millimetres


Similar Part No. - SS311

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS311PT HONEYWELL-SS311PT Datasheet
203Kb / 4P
Bipolar Hall-Effect Digital Position Sensors with Built-in Pull-up Resistor
SS311PT HONEYWELL-SS311PT Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results

Similar Description - SS311

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A26 DBLECTRO-A26 Datasheet
283Kb / 1P
SCSI - III D- SUB IDC(MALE)
A27 DBLECTRO-A27 Datasheet
269Kb / 1P
SCSI - III D - SUB IDC (FEMALE)
logo
Adam Technologies, Inc.
S2APF501 ADAM-TECH-S2APF501 Datasheet
203Kb / 2P
.050 [1.27] SCSI II/III IDC FLAT CABLE TERMINATION
S2A-SV ADAM-TECH-S2A-SV Datasheet
155Kb / 1P
.050 [1.27] SCSI II/III IDC FLAT CABLE TERMINATION
logo
List of Unclassifed Man...
S404-012 ETC2-S404-012 Datasheet
468Kb / 2P
SCSI/Fibre Channel - 12-ft. SCSI Cable HD68M to HD68M Double Shielded
S314-003 ETC2-S314-003 Datasheet
452Kb / 1P
SCSI/Fibre Channel - 3-ft. External SCSI Cable C50M to DB25M Double Shielded
logo
Assmann Electronics Inc...
AK545-2-R ASSMANN-AK545-2-R Datasheet
273Kb / 1P
CABLE SCSI 1-SCSI 2 UL2990
logo
Virginia Panel Corporat...
7-124883668 VPC-7-124883668 Datasheet
86Kb / 2P
CABLE ASSEMBLY RCV 68PN SCSI TO QPDL RCV
logo
SparkFun Electronics
CAB-14911 SPARKFUN-CAB-14911 Datasheet
123Kb / 2P
Interface Cable N to RP-SMA Cable - 1m
9??1??8
logo
IOGEAR
GUL01 IOGEAR-GUL01 Datasheet
130Kb / 3P
Charge & Sync Cable, 3.3ft (1m) - USB to Lightning Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com