Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS-272 Datasheet(PDF) 2 Page - Pro-Signal

Part # SS-272
Description  Cable SCSI-I 68D To 68D, 2M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

SS-272 Datasheet(HTML) 2 Page - Pro-Signal

  SS-272 Datasheet HTML 1Page - Pro-Signal SS-272 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.0
14/09/12
Cable
SCSI-I 68D To 68D, 2M
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Item
Specifications
1
HPDB68 Male, Gold Flash on Contacts, Black Insulator (0.75)
2
Moulded Thumbscrew #2 to 56, Length 41mm, Light Black
3
34 Twisted Pairs, 30AWG, LVD, Alum-mylar Foil and Copper Braid
Shielding with Drain Wire, Outer Diameter 10.0mm, Jacket Black
4
Moulded PVC Black
Ferrite Core 17.5 × 10.5 × 28.5mm
5
Moulded PVC Black
Moulded PE Colour Transparent
Copper Foil 33 × 150mm
Copper Foil 7.5 × 35mm
PE Hood Colour Transparent
Specification Table
Description
Part Number
Cable - SCSI-I 68D To 68D, 2M
SS-272
Part Number Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com