Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC22980 Datasheet(PDF) 1 Page - Pro-Signal

Part # SPC22980
Description  LC to LC Fiber Optic Jumpers 50/125 Multimode Duplex
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

SPC22980 Datasheet(HTML) 1 Page - Pro-Signal

  SPC22980 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
13/09/19
LC to LC Fiber Optic Jumpers
50/125 Multimode Duplex
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
No.
Item
Description
Qty.
1
Cable
Optical Fiber, Multi-Mode, 50/125, Duplex,
Ø2mm Tight, Orange, PVC Jacket.
1PC
2
Connector
LC, Duplex, Multi-Mode, Beige Housing,
White Boots
2PCS
3
Tubing
Heat Shrink Sleeve, Yellow.
2PCS
4
Tubing
Heat Shrink Sleeve, White
2PCS
5
Heat Shrink
Tube
Colour = Black
2PCS
Notes:
New products shall be reference to Bellcore GR-326 Stamdard.
Insertion Loss : <= 0.2dB Typical (1,300nm)
Description
Length
(Meters) Part Number
LC to LC Fiber
Optic Jumpers,
50/125 Multimode
Duplex
1
SPC22970
2
SPC22971
3
SPC22972
4
SPC22973
5
SPC22974
8
SPC22975
15
SPC22977
20
SPC22978
25
SPC22979
30
SPC22980
40
SPC22981
50
SPC22982
60
SPC22983
70
SPC22984
80
SPC22985
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - SPC22980

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
SPC22010 DURATOOL-SPC22010 Datasheet
119Kb / 1P
Replacement Filter
23/06/16 V1.0
SPC22123 DURATOOL-SPC22123 Datasheet
290Kb / 2P
Solder Wire
13/01/23 V1.1
SPC22123 DURATOOL-SPC22123 Datasheet
323Kb / 2P
Solder Wire
06/11/23 V1.2
SPC22124 DURATOOL-SPC22124 Datasheet
290Kb / 2P
Solder Wire
13/01/23 V1.1
SPC22124 DURATOOL-SPC22124 Datasheet
323Kb / 2P
Solder Wire
06/11/23 V1.2
More results

Similar Description - SPC22980

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885243020 MOLEX10-0885243020 Datasheet
80Kb / 2P
LC-to-LC, Multimode, 50/125關m, Duplex, 2.00mm (.079"), Standard Fiber Optic Cable Assembly, 1.0m
logo
Tripp Lite. All Rights ...
N52002M TRIPPLITE-N52002M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
N52008M TRIPPLITE-N52008M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 8M (26-ft.)
N52015M TRIPPLITE-N52015M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 15M (50-ft.)
N455000PM TRIPPLITE-N455000PM Datasheet
487Kb / 1P
Duplex Multimode Fiber Optic Coupler, (LC-LC)
N455-000-PM TRIPPLITE-N455-000-PM Datasheet
156Kb / 2P
Duplex Multimode Fiber Optic Coupler, (LC/LC)
N520-07M TRIPPLITE-N520-07M Datasheet
166Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
N520-12M TRIPPLITE-N520-12M Datasheet
168Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 12M (40-ft.)
N520-15M TRIPPLITE-N520-15M Datasheet
167Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 15M (50-ft.)
N520-50M TRIPPLITE-N520-50M Datasheet
167Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 50M (164-ft.)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com