Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL666 Datasheet(PDF) 1 Page - Pro-Signal

Part # SL666
Description  Laplink Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

SL666 Datasheet(HTML) 1 Page - Pro-Signal

  SL666 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
13/12/12
Laplink Cable
Specifications:
Connector Type A
: 25 Way D Plug
Connector Type B
: 25 Way D Plug
Cable Assembly Type
: Computer Cables
Jacket Colour
: Grey
Cable Length
: 3m
No. of Ways
: 25
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Laplink Cable, 3m, Parallel
SL666


Similar Part No. - SL666

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL6600C ETC1-SL6600C Datasheet
175Kb / 4P
LOW POWER IF/AF PLL CIRCUIT FOR NARROW BAND FM
SL6601C ETC1-SL6601C Datasheet
427Kb / 6P
FM IF, PLL DETECTOR (DOUBLE CONVERSION) AND RF MIXER
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609AKG ZARLINK-SL6609AKG Datasheet
505Kb / 20P
DIRECT CONVERSION FSK DATA RECEIVER
More results

Similar Description - SL666

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1563 ALPHAWIRE-1563 Datasheet
69Kb / 2P
Cable
logo
Assmann Electronics Inc...
AK251-3-R ASSMANN-AK251-3-R Datasheet
265Kb / 1P
SERIAL OR PARALLEL "LAPLINK" CABLE
logo
XFMRS Inc.
ATM9MC44 XFMRS-ATM9MC44_15 Datasheet
118Kb / 2P
CABLE
logo
Kycon, Inc.
GM67X-CS KYCON-GM67X-CS Datasheet
343Kb / 1P
Cable Side, IP67 Cable Mount
logo
M-System Co.,Ltd.
MCN34 MSYSTEM-MCN34 Datasheet
77Kb / 2P
CABLE
MCN26 MSYSTEM-MCN26 Datasheet
79Kb / 2P
CABLE
MCN20 MSYSTEM-MCN20 Datasheet
97Kb / 3P
CABLE
logo
Lin Eng. Inc.
AMT-17C-1-036 LINENGINEERING-AMT-17C-1-036 Datasheet
234Kb / 2P
CABLE
BLDC-CABLE-1M LINENGINEERING-BLDC-CABLE-1M Datasheet
237Kb / 2P
CABLE
BLDC-CABLE-3M LINENGINEERING-BLDC-CABLE-3M Datasheet
1Mb / 2P
CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com