Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB474 Datasheet(PDF) 1 Page - Pro-Signal

Part # SB474
Description  Data Switch HD, DB15, 4 Way
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

SB474 Datasheet(HTML) 1 Page - Pro-Signal

  SB474 Datasheet HTML 1Page - Pro-Signal SB474 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
21/01/13
Data Switch
HD, DB15, 4 Way
Specifications :
Computer Switch Type
: Data
Computer Switch Function
: Manual
Input Connection
: DB15 Female
Output Connection
: DB15 Female
No. of Ways
: 4
No.
Description
Qty
1
HD15 Female, Gold Flash on contacts, Blue Insulator
5
2
Hex-Nut 4.75mm × 13mm, Screw Cap 4.75mm × 1.5mm
10 Set
3
Knob for A, B, C, D,Swith
1
Screw 4mm × 12.5mm with Pad
1 Set
Main Heart 5-15-4
1
26AWG Insulator, Length 150mm
79
4
Metal case, Thickness 0.8mm
1 Set
5
Screw 3mm × 6mm PWB
4
6
Plasto-Visco-Elastic Body
4
Dimensions : Millimetres


Similar Part No. - SB474

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
SB472 PROSIGNAL-SB472 Datasheet
234Kb / 2P
Data Switch HD, DB15, 2 Way
V1.0 21/01/13
More results

Similar Description - SB474

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDC15AG ETC2-SDC15AG Datasheet
97Kb / 1P
DB15 HD26 HOOD KIT
logo
ON Semiconductor
NL3HS644 ONSEMI-NL3HS644 Datasheet
209Kb / 8P
4-Data Lane Switch
November, 2015 ??Rev. 2
logo
Innovative Power Produc...
IPP-1013 IPP-IPP-1013 Datasheet
65Kb / 1P
OUTLINE 4 WAY
IPP-1036 IPP-IPP-1036 Datasheet
66Kb / 1P
OUTLINE 4 WAY
IPP-1110 IPP-IPP-1110 Datasheet
57Kb / 1P
OUTLINE 4 WAY
IPP-1135 IPP-IPP-1135 Datasheet
63Kb / 1P
OUTLINE 4 WAY
IPP-1136 IPP-IPP-1136 Datasheet
68Kb / 1P
OUTLINE 4 WAY
IPP-1177 IPP-IPP-1177 Datasheet
65Kb / 1P
OUTLINE 4-WAY
logo
Shenzhen Huazhimei Semi...
CD4066 HMSEMI-CD4066 Datasheet
826Kb / 10P
two-way analog switch
logo
C&K Components
CS CK-COMPONENTS-CS Datasheet
120Kb / 1P
4-way Adjustable Direction Switch
2 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com