Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP007 Datasheet(PDF) 1 Page - Pro-Signal

Part # RP007
Description  High Speed HDMI Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

RP007 Datasheet(HTML) 1 Page - Pro-Signal

  RP007 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.1
19/05/15
High Speed HDMI Leads
L (mm)
Part Number
500 ±30mm
RP005
PSG03531
1,000 ±50mm
RP006
PSG03532
2,000 ±50mm
RP007
PSG03534
5,000 ±50mm
RP008
PSG03540
10,000 ±70mm
RP009
PSG03541
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Lead, HDMI, High Speed, 0.5m
RP005
PSG03531
Lead, HDMI, High Speed, 1m
RP006
PSG03532
Lead, HDMI, High Speed, 2m
RP007
PSG03534
Lead, HDMI, High Speed, 5m
RP008
PSG03540
Lead, HDMI, High Speed, 10m
RP009
PSG03541
Specifications :
Material
Cable Assembly Type
: HDMI
Connector Type A & B
: HDMI Plug
HDMI Cable
: (7/0.1BC × 1P + AM) × 4 Pcs + 7/0.1CCS × 6C
+ 7/0.12BC + AM + Black PVC Jacket
OD
: 5.5 ±0.2mm
Marking
: AWM Style 202076 +80°C 30V
Standard HDMI Cable
HDMI 19 Pin Male
: Soldering type, Black Insulation, Gold Plated
Contacts, Nickel Plated Shell
All Hood
: Molded Black PVC
Electrical
Conductor Resistance
: 5Ω Max.
Insulation Resistance
: 10MΩ Min.
Hi-Pot
: DC200V / 1.01S
HDTV-DVD Test
: 1,080P


Similar Part No. - RP007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
RP00010-1 L-COM-RP00010-1 Datasheet
47Kb / 1P
L-COM 19" CABLE MANAGEMENT PANEL WITH 5 METAL D-RINGS 1U
REV. B 05/02/2019
logo
Solid States Devices, I...
RP0001A SSDI-RP0001A Datasheet
195Kb / 2P
RECTIFIER
RP0001A SSDI-RP0001A_15 Datasheet
195Kb / 2P
STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0003A SSDI-RP0003A Datasheet
194Kb / 2P
RECTIFIER
RP0003A SSDI-RP0003A_15 Datasheet
194Kb / 2P
STANDARD RECOVERY HIGH CURRENT RECTIFIER
More results

Similar Description - RP007

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
Small Outline, 5 Leads, High CMR, High Speed, Description
logo
Assmann Electronics Inc...
AK-330101-020-S ASSMANN-AK-330101-020-S Datasheet
219Kb / 2P
HDMI High Speed connection cable, type A
logo
List of Unclassifed Man...
11.04.5736 ETC2-11.04.5736 Datasheet
599Kb / 2P
ROLINE HDMI High Speed Kabel mit Ethernet, LSOH, 7,5m
11.04.5731 ETC2-11.04.5731 Datasheet
4Mb / 2P
ROLINE HDMI High Speed Kabel mit Ethernet, LSOH, 1,0m
11.04.5732 ETC2-11.04.5732 Datasheet
4Mb / 2P
ROLINE HDMI High Speed Kabel mit Ethernet, LSOH, 2,0m
11.04.5733 ETC2-11.04.5733 Datasheet
4Mb / 2P
ROLINE HDMI High Speed Kabel mit Ethernet, LSOH, 3,0m
11.04.5735 ETC2-11.04.5735 Datasheet
5Mb / 2P
ROLINE HDMI High Speed Kabel mit Ethernet, LSOH, 5,0m
11.04.5740 ETC2-11.04.5740 Datasheet
5Mb / 2P
ROLINE HDMI High Speed Kabel mit Ethernet, LSOH, 10m
11.04.5745 ETC2-11.04.5745 Datasheet
4Mb / 2P
ROLINE HDMI High Speed Kabel mit Ethernet, LSOH, 15m
11.04.5750 ETC2-11.04.5750 Datasheet
4Mb / 2P
ROLINE HDMI High Speed Kabel mit Ethernet, LSOH, 20m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com