Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB414 Datasheet(PDF) 1 Page - Pro-Signal

Part # RB414
Description  Serial ATA Power Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

RB414 Datasheet(HTML) 1 Page - Pro-Signal

  RB414 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
1 SATA Connector
101-9938
2 SATA Connectors
101-9947
Serial ATA Power Leads
Power adaptor leads to use with Serial ATA drives
which only have the new ’edge connector’ style
plug.
Ì 1 SATA plug - lead length is 200mm
Ì 2 SATA plugs - lead length is 100mm
416473.311474


Similar Part No. - RB414

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
RB410 PROSIGNAL-RB410 Datasheet
219Kb / 1P
Lead
V1.0 12/12/12
logo
Rohm
RB411 ROHM-RB411 Datasheet
55Kb / 2P
Schottky barrier diode
logo
Micro Commercial Compon...
RB411 MCC-RB411 Datasheet
137Kb / 2P
20 to 40 Volts 0.5 Amp Surface Mount Schottky Barrier Diode
logo
Shanghai Sunrise Electr...
RB411 SSE-RB411 Datasheet
636Kb / 1P
500mA Schottky Brrier Diode
logo
Stanson Technology
RB411 STANSON-RB411 Datasheet
65Kb / 1P
Schottky Barrier Diode
More results

Similar Description - RB414

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-SATA-PC-015-R ASSMANN-AK-SATA-PC-015-R Datasheet
84Kb / 1P
Serial ATA Power Supply Cable
AK-SATA-SP-075-R ASSMANN-AK-SATA-SP-075-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
logo
Adam Technologies, Inc.
SATA-A-PL-SMT-K ADAM-TECH-SATA-A-PL-SMT-K Datasheet
121Kb / 1P
SERIAL ATA CONNECTOR
SATA-A-PL-VT-K ADAM-TECH-SATA-A-PL-VT-K Datasheet
89Kb / 1P
SERIAL ATA CONNECTOR
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
SERIAL ATA CONNECTOR
SATA-B-PL-SMT-K-BL ADAM-TECH-SATA-B-PL-SMT-K-BL Datasheet
102Kb / 1P
SERIAL ATA CONNECTOR
SATA-B-PR-RT ADAM-TECH-SATA-B-PR-RT Datasheet
90Kb / 1P
SERIAL ATA CONNECTOR
SATA-C-PR-SMT-K ADAM-TECH-SATA-C-PR-SMT-K Datasheet
105Kb / 1P
SERIAL ATA CONNECTOR
SATA-G-PM-SMT ADAM-TECH-SATA-G-PM-SMT Datasheet
95Kb / 1P
SERIAL ATA CONNECTOR
SATA-S-PM-SMT ADAM-TECH-SATA-S-PM-SMT Datasheet
134Kb / 1P
SERIAL ATA CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com