Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMCSD291 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # HMCSD291
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMCSD291 Datasheet(HTML) 4 Page - Omron Electronics LLC

  HMCSD291 Datasheet HTML 1Page - Omron Electronics LLC HMCSD291 Datasheet HTML 2Page - Omron Electronics LLC HMCSD291 Datasheet HTML 3Page - Omron Electronics LLC HMCSD291 Datasheet HTML 4Page - Omron Electronics LLC HMCSD291 Datasheet HTML 5Page - Omron Electronics LLC HMCSD291 Datasheet HTML 6Page - Omron Electronics LLC HMCSD291 Datasheet HTML 7Page - Omron Electronics LLC HMCSD291 Datasheet HTML 8Page - Omron Electronics LLC HMCSD291 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
All You Need in One Package
All You Need is One
The sensor can be used in wet
environments.
All cables from the camera are flexible.
This allows the Sensor to be used safely
on moving parts.
Connection is made quick and easy with a
clear, definitive click-into-place mecha-
nism.
IP67 Water Resistance
Flexible Cables
Smart Click Connectors
Although previous Vision Sensors placed the image pro-
cessor in a separate Controller, now we have built the
processor into the camera unit.
Image Processor
The external output line for inspection results, the input
line for changing the setup, and the power supply line
are all combined into one connector.
I/O Power Supply Connector
Commands can be input from a PLC to control the
FQ2, and inspection results and measurement results
can be output from the FQ2 to a PLC.
You can also transfer images to a computer.
Ethernet Connector
The Sensor includes high-power lighting capable of
evenly lighting across a wide field of view.
This provides sufficient lighting even when the en-
closed polarizing filter is used.
High-power Lighting
The focus of the lens can
be adjusted to take clear
images for the specific field
of view and installation dis-
tance you need.
Adjustable lens
Focus adjustment screw
s used.
Compact
1
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com