Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-R16 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # E32-R16
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 16Page - Omron Electronics LLC E32-R16 Datasheet HTML 17Page - Omron Electronics LLC E32-R16 Datasheet HTML 18Page - Omron Electronics LLC E32-R16 Datasheet HTML 19Page - Omron Electronics LLC E32-R16 Datasheet HTML 20Page - Omron Electronics LLC E32-R16 Datasheet HTML 21Page - Omron Electronics LLC E32-R16 Datasheet HTML 22Page - Omron Electronics LLC E32-R16 Datasheet HTML 23Page - Omron Electronics LLC E32-R16 Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
E3X-NH
E3X-NH
20
Threshold Setting and Indicators at Sensitivity Setting
Threshold
indicators
Level
1
2
3
4
5
6
7
8
9
10
11
12
13
Maximum Sensitivity Setting
• Use the Through-beam Sensor for detection of opaque objects.
• Use the Reflective Sensor for detection of objects with no
background objects.
The threshold will be set to a level slightly higher than the no-light
received by the E3X-NH if the sensitivity is set to maximum for the
detection of objects that completely interrupt light or the incident of
the Sensor is very low.
Reflective Sensor
The number of lit indicators of the incident level indicators will
depend on the incident. The bottom indicator of the threshold indica-
tors is ON.
Large
Small
Light
Sensing
object
Threshold
Incident
level
indicator
Threshold
indicator
Sensing
object
With/Without-object Teaching
• Ideal for the detection of object surface irregularities or minute
objects.
• Ideal for the detection of objects with background objects
reflecting light irregularly.
1. With/Without-object Teaching
Reflective Sensor:
Small
Light
Fiber
head
Sensing
object
Large
Press the SET button with
the sensing object in the
sensing area.
Set the threshold to the middle value
between the values obtained with
and without the sensing object.
Small
Light
Fiber
head
Large
Press the SET button with-
out sensing object in the
sensing area.
Small
Light
Large
Threshold
2. RUN/ADJ Mode
Reflective Sensor:
The number of lit indicators of the incident level indicators de-
pends on the incident. At the time of manual-tuning, it is pos-
sible to adjust the threshold in six levels. The default thresh-
old is set to 7.
Large
Small
Light
Sensing
object
Threshold
Incident
level
indicator
Threshold
indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com